Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3232EBCT-L Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3232EBCT-L
Description  True 3.0V to 5.5V RS-232 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBCT-L Datasheet(HTML) 5 Page - Exar Corporation

  SP3232EBCT-L Datasheet HTML 1Page - Exar Corporation SP3232EBCT-L Datasheet HTML 2Page - Exar Corporation SP3232EBCT-L Datasheet HTML 3Page - Exar Corporation SP3232EBCT-L Datasheet HTML 4Page - Exar Corporation SP3232EBCT-L Datasheet HTML 5Page - Exar Corporation SP3232EBCT-L Datasheet HTML 6Page - Exar Corporation SP3232EBCT-L Datasheet HTML 7Page - Exar Corporation SP3232EBCT-L Datasheet HTML 8Page - Exar Corporation SP3232EBCT-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3222EB/SP3232EB_103_081414
5
Table 1. Device Pin Description
NAME
FUNCTION
PIN NUMBER
SP3222EB
SP3232EB
SOIC
SSOP
TSSOP
EN
Receiver Enable. Apply Logic LOW for normal operation.
Apply logic HIGH to disable the receiver outputs (high-Z state)
1
1
-
C1+
Positive terminal of the voltage doubler charge-pump capacitor
2
2
1
V+
+5.5V output generated by the charge pump
3
3
2
C1-
Negative terminal of the voltage doubler charge-pump capacitor
4
4
3
C2+
Positive terminal of the inverting charge-pump capacitor
5
5
4
C2-
Negative terminal of the inverting charge-pump capacitor
6
6
5
V-
-5.5V output generated by the charge pump
7
7
6
T
1OUT
RS-232 driver output.
15
17
14
T
2OUT
RS-232 driver output.
8
8
7
R
1IN
RS-232 receiver input
14
16
13
R
2IN
RS-232 receiver input
9
9
8
R
1OUT
TTL/CMOS receiver output
13
15
12
R
2OUT
TTL/CMOS receiver output
10
10
9
T
1IN
TTL/CMOS driver input
12
13
11
T
2IN
TTL/CMOS driver input
11
12
10
GND
Ground.
16
18
15
V
CC
+3.0V to +5.5V supply voltage
17
19
16
SHDN
Shutdown Control Input. Drive HIGH for normal device operation.
Drive LOW to shutdown the drivers (high-Z output) and the on-
board power supply
18
20
-
N.C.
No Connect
-
11, 14
-
PIN FUNCTION


Similar Part No. - SP3232EBCT-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3232EBCT-L EXAR-SP3232EBCT-L Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCT-L/TR EXAR-SP3232EBCT-L/TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3232EBCT-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3222ECY-L SIPEX-SP3222ECY-L Datasheet
207Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com