Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNB-1.2K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MNB-1.2K
Description  EM Spring-Applied Brake
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MNB-1.2K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MNB-1.2K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
1.2G 1.2K 2.5G 2.5K 5G
5K 10G 10K 20J 20K 40J 40K 80J 80K
24
90
24
90
24
90
24
90
72
90
72
90
72
90
1
0.26 1.6 0.39 1.74 0.47 2.2 0.58 0.58 0.97 1.1 1.3 1.4 1.8
24
350
15
230
14
190
11
150 150
74
82
55
62
40
24
23
39
35
42
42
53
53
53
70
98
94
130 130
80
40¹ 100 45¹ 120 60¹ 180 90¹ 120¹ 90² 160 120² 200 160²
70
70¹ 100 100¹ 120 120¹ 160 160¹ 180¹ 100² 220 140² 230 150²
3000
3500
EM Spring-Applied Brake
Types: 1.2, 2.5, 5, 10, 20, 40, 80
295 / 400
Coil
(20°C)
Release Time [ms]
MNB
Static Torque [ft-lbs / N-m]
Max Allowable Speed [rpm]
Voltage [DC-V]
Wattage [W]
Pull-In Time [ms]
Armature
Current [A]
Resistance [Ω]
18 / 25
8.9 / 12
3000
37 / 50
74 / 100 148 / 200
2500
2500
590 / 800
2000
2000
MNB
dH7
bE9
t+0.15/-0
Ah9
B
CH9
D
E
F
G
L
M
N
P1
P2
Q
R
S
T
U
[ Note 1 : OFS 220 power supply ]
[ 1 inch = 25.4 mm ]
[ Note 2 : OHP 18H power supply ]
[ Note 3 : Total height including gap adjustment bolt ]
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
1.2
7.0 x 108
3.2 x 109
1
3.0 x 108
1.2 x 109
1.2
Max Air Gap Until Adjustment [mm]
Max Energy Until Adjustment [J]
Max Energy Until Life [J]
0.8
7.2 x 107
2.0 x 108
M5-28
7.3 / 3.3
10
M6-30
11 / 5
7
8
25
8
0.1~0.35
9
30
9
10
10
35
10
0.1~0.35
10.5
8.5
0.1~0.35
M5
13
M4
16
M6
M6-35
9.5
M6
Max Work Rate [W]
123
245
28
7
21
0.2~0.45
Weight [lbs / kg]
63
147
7
72
63
34
28
77 / 35
8.5
41 / 19
M10-45
15
24 / 11
M8-40
16 / 7
12
18
305
180
340
15
M12-85
17
11
0.2~0.45 0.2~0.45
95
105
270
M16
145
167
137 / 62
M8
18
33
23
M12-95
30
0.3~0.55
Dimensions
[mm]
60
125
112
24
71
65
M6
18
11
Bore [mm]
Key Way [mm]
19
72
30
Moment of Inertia (J) [kg-cm²]
98
6
27
38
145
1.0 x 108
0.8
3.4 x 108
130
3
31
0.8
1.4 x 108
4.8 x 108
14.5
516
150
12
230
210
125
60
25
32
10
85
52
95
165
150
7.9 x 108
170
190
275
250
35.5
45.5
60
15
70
15
18
12
12
125
M8
M8
31
98
27
50
98
143
60
M12
220
65
M8
186
70
80
90
503
170
55
590
700
5.6 x 108
2.2 x 109
42
327
490
0.8
1.6 x 108
60
134
152
11
M8
54
88
40
88
75
45
78
44
116
M6
78
M6
MNB
Somerset, NJ 08875
(732) 271 7361
MNB


Similar Part No. - MNB-1.2K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MNB-0.2G ETC-MNB-0.2G Datasheet
103Kb / 1P
   EM Spring-Applied Brake
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
   EM Spring-Applied Brake
MNB-0.4G ETC-MNB-0.4G Datasheet
103Kb / 1P
   EM Spring-Applied Brake
MNB-0.4K ETC-MNB-0.4K Datasheet
103Kb / 1P
   EM Spring-Applied Brake
MNB-0.8G ETC-MNB-0.8G Datasheet
103Kb / 1P
   EM Spring-Applied Brake
More results

Similar Description - MNB-1.2K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
   EM Spring-Applied Brake
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
   EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
   EM Spring-Applied Brake
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
   EM Spring-Applied Brake
SNB ETC-SNB Datasheet
152Kb / 1P
   EM Spring-Applied Brake
RNB-3G ETC-RNB-3G Datasheet
185Kb / 1P
   EM Spring-Applied Brake
RNB-Z ETC-RNB-Z Datasheet
56Kb / 1P
   EM Spring-Applied Brake
MCNB-2G ETC-MCNB-2G Datasheet
62Kb / 1P
   Micro EM Spring-Applied Brake
FNB ETC-FNB Datasheet
185Kb / 1P
   Micro EM Spring-Applied Brake
MCLB-5G ETC-MCLB-5G Datasheet
62Kb / 1P
   Micro EM Spring-Applied Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com