Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWC-450 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MWC-450
Description  Wet-Type Multiple-Disk EM Clutch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MWC-450 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MWC-450 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
40
80
160
250
320
450
600
295 / 400
590 / 800 1180 / 1600 1844 / 2500 2360 / 3200 3319 / 4500 4425 / 6000
590 / 800 1180 / 1600 2360 / 3200 3688 / 5000 4720 / 6400 6638 / 9000 8851 / 12000
2
2.5
3.7
4.6
5.1
7.3
6.2
12
9.6
6.5
5.2
4.7
3.3
3.9
┌───────────────
[ Special Order ]──────────────────┐
Static Torque [ft-lbs / N-m]
Resistance [Ω]
Coil
(20°C)
Wet-Type Multiple-Disk EM Clutch
Types: 40, 80, 160, 250, 320, 450, 600
24
MWC
Dynamic Torque [ft-lbs / N-m]
Voltage [DC-V]
Current [A]
MWC
12
9.6
6.5
5.2
4.7
3.3
3.9
50
60
90
110
125
175
150
150
250
380
550
700
1000
1500
320
600
700
900
1200
1500
1800
130
350
900
700
1000
1200
1500
2400
2000
1600
1400
1200
1000
900
Hub
258
713
1980
3450
5280
10300
15000
Outer Disc
47
142
383
683
1060
2280
5300
dH7
60
70
90
100
110
120
140
bE9
18
20
25
28
28
32
35
t+0.2/-0
63
75
95
106.5
119
130
151
A
195
235
290
325
350
400
440
B
180
218
265
300
320
363.5
400
D
195
235
290
324
350
392
428
E
145
160
200
220
230
250
270
G
4
4
4
558
8
L
107
135
170
185
210
220
255
M
30.2
40
49
55
60.9
63
80
N
16.7
23
28.4
32
36.1
34.2
53
O
3
4
5
5
10.1
10
10
P
22
30
35
394345
54
Q
51
61
75
84
97
101
123
R
20
20
25
30
30
30
30
S
10
10
18
151515
15
T
2
4
5
11
10
17
17
W
16
22
30
404050
50
W (Qty)
6
6
6
666
8
37 / 17
71 / 32
123 / 56
174 / 79
229 / 104
309 / 140
423 / 192
UN40
UN80
UN160
UN250
UN320
UN450
UN600
[ Included parts & accessories : surge protector ]
[ 1" = 25.4mm ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
Armature Pull-In Time [ms]
Wattage [W]
Resistance [Ω]
(20 C)
Bore [mm]
Torque Build-Up Time [ms]
Coupling
Torque Decay Time [ms]
Max Allowable Speed [rpm]
Key Way [mm]
Moment of Inertia (J)
[kg-cm²]
Weight [lbs / kg]
Dimensions
[mm]
MWC


Similar Part No. - MWC-450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MWC-1.2 ETC-MWC-1.2 Datasheet
227Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
MWC-10 ETC-MWC-10 Datasheet
227Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
MWC-2.5 ETC-MWC-2.5 Datasheet
227Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
MWC-20 ETC-MWC-20 Datasheet
227Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
MWC-5 ETC-MWC-5 Datasheet
227Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
More results

Similar Description - MWC-450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MWC ETC-MWC Datasheet
227Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
MDC ETC-MDC Datasheet
140Kb / 1P
   Dry-Type Multiple-Disk EM Clutch
MWB ETC-MWB Datasheet
126Kb / 1P
   Wet-Type Multiple-Disk EM Brake
MDB-N ETC-MDB-N Datasheet
128Kb / 1P
   Dry-Type Multiple-Disk EM Brake
UN ETC2-UN Datasheet
125Kb / 1P
   Coupling for Multiple-Disk Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
   EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
   EM Clutch
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
   Micro EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com