Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPC-80N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPC-80N
Description  EM Magnetic Particle Clutch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPC-80N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPC-80N Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
40A
80A
35 / 4
71 / 8
0.65
0.77
37.2
31
15
19
49
62
0.71
1.4
120
160
1800
1800
Input
3.25
5.25
Output
0.288
0.388
dH7
12
15
A1h8
86
98
A2
86
98
B
112
128
Ch7
70
80
D20
20
E60
70
F
100
114
G5.5
6.5
H
4xM4
4xM4
L
97
112
M
32
36.5
N5
6
P
10
14.5
Q6
6
R15
15
S
25
27.5
T21
24
U
8.8
13.3
Y4
6.5
5.3 / 2.4
6.8 / 3.1
40A/80A: Forced cooling
[ 1" = 25.4mm ]
EM Magnetic Particle Clutch
Types: 40, 80
70
Voltage [DC-V]
Current [A]
Resistance [Ω]
Time Constant [ms]
26
22
0.71
24
0.288
86
1800
112
3.25
Shaft [mm]
OPC
Coil
(20°C)
Wattage [W]
Moment of Inertia (J)
[kg-cm²]
Rated Torque [in-lbs / N-m]
Max Allowable Speed [rpm]
Drag Torque (reference) [in-lbs]
Max Slip Wattage [W]
0.388
1.4
17.6
90
5
4xM4
60
5.5
97
70
6
114
32
112
35 / 4
1.37
71 / 8
80N
40N
0.93
6.8 / 3.1
27.5
24
36.5
6.5
13.3
128
Weight [lbs / kg]
Dimensions
[mm]
10
8.8
25
86
100
4
5.3 / 2.4
15
33
12
80
62
15
98
49
1800
98
5.25
21
20
14.5
6
4xM4
70
6
6.5
15
20
OPC


Similar Part No. - OPC-80N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPC-10 ETC-OPC-10 Datasheet
110Kb / 1P
   EM Magnetic Particle Clutch
OPC-20 ETC-OPC-20 Datasheet
110Kb / 1P
   EM Magnetic Particle Clutch
OPC-457 ETC-OPC-457 Datasheet
545Kb / 36P
   VHF MARINE TRANSCEIVER
OPC-5 ETC-OPC-5 Datasheet
110Kb / 1P
   EM Magnetic Particle Clutch
logo
BOSER Technology Co., L...
OPC-9017-Z BOSER-OPC-9017-Z Datasheet
578Kb / 1P
   17 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 4 USB, 180W ATX P/S
More results

Similar Description - OPC-80N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPC ETC-OPC Datasheet
110Kb / 1P
   EM Magnetic Particle Clutch
PC ETC-PC Datasheet
69Kb / 1P
   EM Magnetic Particle Clutch
OPB-N ETC-OPB-N Datasheet
99Kb / 1P
   EM Magnetic Particle Brake
PB ETC-PB Datasheet
83Kb / 1P
   EM Magnetic Particle Brake
OPB-120N ETC-OPB-120N Datasheet
100Kb / 1P
   EM Magnetic Particle Brake
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
   EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
   EM Clutch
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
   Micro EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com