Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1400 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SB1400
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB1400 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SB1400 Datasheet HTML 1Page - Hitachi Semiconductor 2SB1400 Datasheet HTML 2Page - Hitachi Semiconductor 2SB1400 Datasheet HTML 3Page - Hitachi Semiconductor 2SB1400 Datasheet HTML 4Page - Hitachi Semiconductor 2SB1400 Datasheet HTML 5Page - Hitachi Semiconductor 2SB1400 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SB1400
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
–120
V
Collector to emitter voltage
V
CEO
–120
V
Emitter to base voltage
V
EBO
–7
V
Collector current
I
C
–6
A
Collector peak current
I
C(peak)
–10
A
Collector power dissipation
P
C
2W
P
C*
1
25
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C.
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
–120
V
I
C = –0.1 mA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
–120
V
I
C = –25 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
–7
V
I
E = –50 mA, IC = 0
Collector cutoff current
I
CBO
–10
µAV
CB = –100 V, IE = 0
I
CEO
–10
V
CE = –100 V, RBE = ∞
DC current transfer ratio
h
FE
1000
20000
V
CE = –3 V, IC = –3 A*
1
Collector to emitter saturation
V
CE(sat)1
–1.5
V
I
C = –3 A, IB = –6 mA*
1
voltage
V
CE(sat)2
–3.0
I
C = –6 A, IB = –60 mA*
1
Base to emitter saturation
V
BE(sat)1
–2.0
V
I
C = –3 A, IB = –6 mA*
1
voltage
V
BE(sat)2
–3.5
I
C = –6 A, IB = –60 mA*
1
Note:
1. Pulse test.
See switching characteristic curve of 2SB727(K).


Similar Part No. - 2SB1400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SB1400 RENESAS-2SB1400 Datasheet
149Kb / 7P
   Silicon PNP Epitaxial
logo
Savantic, Inc.
2SB1400 SAVANTIC-2SB1400 Datasheet
128Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1400 ISC-2SB1400 Datasheet
95Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1400 SAVANTIC-2SB1400 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB1400

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com