Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNB-0.4G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RNB-0.4G
Description  EM Spring-Applied Brake
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RNB-0.4G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RNB-0.4G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
0.2G
0.2K
0.4G
0.4K
0.8G
0.8K
1.6G
1.6K
RNB¹
Static Torque [ft-lbs / N-m]
EM Spring-Applied Brake
Types: 0.2, 0.4, 0.8, 1.6
12 / 16
59 / 8
3/ 4
15 / 2
RNB
24
90
24
90
24
90
24
90
0.41
0.11
0.54
0.14
0.63
0.17
0.76
0.2
59
815
45
630
38
540
32
445
dH7
bE9
t+0.15/-0
A
B
Ch9
D
E
F
G
L
M
N
P
Q
R
S
[ Note 1 : For holding and emergency-stop applications only ]
[ 1 inch = 25.4 mm ]
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd
info@ogura clutch com
12
4000
20
4
25
5000
97
97
85
13.5
45
12
35
5.5
0.675
14
5
16
55
15
4000
0.185
12
4
0.325
12
4
30
15
4.5
10
74
85
4
1.3 / 0.6
0.15~0.3
1.9 / 0.9
16
12
7.5
18
0.15~0.3
8
7
4.2 / 1.9
27.5
25.5
85
77
3
20
77
68
5.5
40
2.6 / 1.2
0.15~0.3
11
16
0.15~0.3
29.5
35
8.5
17
21
117
5.5
19.5
11
41
4
108
117
34.5
Resistance [Ω]
70
25
3500
5
2.85
19
Bore [mm]
Key Way [mm]
13.5
Armature
Max Allowable Speed [rpm]
Weight [lbs / kg]
Moment of Inertia (J) [kg-cm²]
Pull-In Time [ms]
Release Time [ms]
Dimensions
[mm]
8.5
20
16
11
32
15
14
15
10
13
18
Static Torque [ft-lbs / N-m]
Current [A]
Wattage [W]
Coil
(20°C)
Voltage [DC-V]
12 / 16
5.9 / 8
3 / 4
1.5 / 2
RNB
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
RNB


Similar Part No. - RNB-0.4G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNB-0.4ZG ETC-RNB-0.4ZG Datasheet
56Kb / 1P
   EM Spring-Applied Brake
RNB-0.4ZG ETC-RNB-0.4ZG Datasheet
56Kb / 1P
   EM Spring-Applied Brake
RNB-0.4ZK ETC-RNB-0.4ZK Datasheet
56Kb / 1P
   EM Spring-Applied Brake
RNB-0.4ZK ETC-RNB-0.4ZK Datasheet
56Kb / 1P
   EM Spring-Applied Brake
More results

Similar Description - RNB-0.4G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
   EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
   EM Spring-Applied Brake
MNB-1.2K ETC-MNB-1.2K Datasheet
187Kb / 1P
   EM Spring-Applied Brake
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
   EM Spring-Applied Brake
SNB ETC-SNB Datasheet
152Kb / 1P
   EM Spring-Applied Brake
RNB-3G ETC-RNB-3G Datasheet
185Kb / 1P
   EM Spring-Applied Brake
RNB-Z ETC-RNB-Z Datasheet
56Kb / 1P
   EM Spring-Applied Brake
MCNB-2G ETC-MCNB-2G Datasheet
62Kb / 1P
   Micro EM Spring-Applied Brake
FNB ETC-FNB Datasheet
185Kb / 1P
   Micro EM Spring-Applied Brake
MCLB-5G ETC-MCLB-5G Datasheet
62Kb / 1P
   Micro EM Spring-Applied Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com