Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNB-ZGN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RNB-ZGN
Description  EM Spring-Applied Brake
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RNB-ZGN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RNB-ZGN Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
0.2ZG
0.2ZK
0.4ZG
0.4ZK
0.8ZG
0.8ZK
1.6ZG
1.6ZK
24
90
24
90
24
90
24
90
0.41
0.11
0.54
0.14
0.63
0.17
0.76
0.2
59
815
45
630
38
540
32
445
1.5 / 2
0
3 / 4
3
EM Spring-Applied Brake
Types: 0.2, 0.4, 0.8, 1.6
5.9 / 8
12 / 16
8
RNB¹
Static Torque [ft-lbs / N-m]
Coil
(20°C)
Voltage [DC-V]
Current [A]
Resistance [Ω]
[]
RNB-Z
dH7
bE9
t+0.15/-0
A
B
Ch9
D
E
F
G
H
L
M
N
P
Q
R
S
T
U
[ Note 1 : For holding and emergency-stop applications only ]
[ 1 inch = 25.4 mm ]
Ogura Industrial
www.ogura-clutch.com
4.5
33
26
15
16
39
28
17
7.5
0.2~0.3
1.3 / 0.6
21
12
7
0.15~0.25
4
2xM4
77
3
10
68
4.5
20
0.16
12
10
35
12
5000
11
22
0.23
12
4
12
4000
13
45
2.6 / 1.2
20
2xM5
15
8.5
0.2~0.35
4.5
0.2~0.35
5
2xM5
4.2 / 1.9
0.7
15
40
4
8.5
31.5
19.5
25.3
108
38.3
30
23.3
70
25
3500
17
11
M4
45.3
5
0.45
15
55
15
4000
-M5
97
4
5.5
25
11
5.5
117
20
-
117
97
Weight [lbs / kg]
Dimensions
[mm]
85
2xM4
1.9 / 0.9
5.5
4
45
18
17
13.5
16
77
85
Pull-In Time [ms]
Bore [mm]
14
13.5
74
85
Key Way [mm]
Max Allowable Speed [rpm]
Moment of Inertia (J) [kg-cm²]
Release Time [ms]
()
Armature
Wattage [W]
RNB-Z
Ogura Industrial
www.ogura clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
RNB-Z


Similar Part No. - RNB-ZGN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNB-Z ETC-RNB-Z Datasheet
56Kb / 1P
   EM Spring-Applied Brake
More results

Similar Description - RNB-ZGN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
   EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
   EM Spring-Applied Brake
MNB-1.2K ETC-MNB-1.2K Datasheet
187Kb / 1P
   EM Spring-Applied Brake
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
   EM Spring-Applied Brake
SNB ETC-SNB Datasheet
152Kb / 1P
   EM Spring-Applied Brake
RNB-3G ETC-RNB-3G Datasheet
185Kb / 1P
   EM Spring-Applied Brake
RNB-Z ETC-RNB-Z Datasheet
56Kb / 1P
   EM Spring-Applied Brake
MCNB-2G ETC-MCNB-2G Datasheet
62Kb / 1P
   Micro EM Spring-Applied Brake
FNB ETC-FNB Datasheet
185Kb / 1P
   Micro EM Spring-Applied Brake
MCLB-5G ETC-MCLB-5G Datasheet
62Kb / 1P
   Micro EM Spring-Applied Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com