Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMB-5HI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMB-5HI
Description  EM Brake (with inverted hub)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMB-5HI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMB-5HI Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
0.6HI
1.2HI
2.5HI
5HI
10HI
20HI
4.4 / 6
8.9 / 12
18 / 24
37 / 50
74 / 100
148 / 200
0.5
0.65
0.92
1.35
1.6
2.2
48
37
26
18
15
11
12
15
22
33
38
53
Coil
(20°C)
Resistance [Ω]
EM Brake (with inverted hub)
Types: 0.6, 1.2, 2.5, 5, 10, 20
Voltage [DC-V]
Current [A]
24
┌────────────────
[ Special Order ]────────────────┐
Static Torque [ft-lbs / N-m]
TMB
Wattage [W]
TMB-HI
12
15
22
33
38
53
10
16
16
25
40
55
10
10
24
25
35
62
42
46
51
56
78
95
5000
5000
4500
4000
3600
3000
0.75
2.5
7.8
23
72
248
0.5
0.6
0.7
0.8
1.2
1.5
2.9 x 107
6.6 x 107
13 x 107
26 x 107
62 x 107
120 x 107
13 x 107
25 x 107
49 x 107
88 x 107
170 x 107
320 x 107
dH7
12
15
20
25
30
40
bE9
45577
10
t+0.15/-0
13.5
17222833
43.5
A
67
86
108
136
170
215
B
263240506580
D+0.2/-0
35
45
52
65
80
107
E
62
82
100
125
156
200
F+0/-0.2
85
110
135
165
210
265
G
75
98
122
150
190
240
H
4.5
5.5
6.5
6.5
8.5
11
L
28
31.5
36.5
41
47
56.5
M
19.2
21.1
23.4
25.2
27.1
31.2
N
13
11.5
11.5
11
7
6.5
O
152025304050
P
1.8
2.1
2.4
2.4
2.7
3
S
0.2~0.3
0.2~0.3
0.2~0.3
0.2~0.3
0.3~0.4
0.4~0.5
0.9 / 0.4
2.0 / 0.9
3.5 / 1.6
6.0 / 2.7
11 / 5
21 / 10
[ Included parts & accessories : shims, surge protector ]
[ 1 inch = 25.4 mm ]
Weight [lbs / kg]
Key Way [mm]
Dimensions
[mm]
Max Allowable Speed [rpm]
Armature
Torque Build-Up Time [ms]
Max Air Gap Until Adjustment [mm]
Total Energy Until Adjustment [J]
Wattage [W]
Total Energy Until Life [J]
Bore [mm]
Moment of Inertia (J) [kg-cm²]
Pull-In Time [ms]
Release Time [ms]
TMB-HI
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271 -7361
TMB-HI


Similar Part No. - TMB-5HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMB-5H ETC-TMB-5H Datasheet
129Kb / 1P
   EM Brake (with hub)
More results

Similar Description - TMB-5HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMB-H ETC-TMB-H Datasheet
129Kb / 1P
   EM Brake (with hub)
TMB ETC-TMB Datasheet
136Kb / 1P
   EM Brake
VBE ETC2-VBE Datasheet
107Kb / 1P
   EM Brake
AMB ETC-AMB Datasheet
98Kb / 1P
   Micro EM Brake
HB ETC-HB Datasheet
99Kb / 1P
   EM Hysteresis Brake
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
   EM Spring-Applied Brake
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
   EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
   EM Spring-Applied Brake
MNB-1.2K ETC-MNB-1.2K Datasheet
187Kb / 1P
   EM Spring-Applied Brake
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
   EM Spring-Applied Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com