Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB566K Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SB566K
Description  Silicon PNP Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB566K Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SB566K Datasheet HTML 1Page - Hitachi Semiconductor 2SB566K Datasheet HTML 2Page - Hitachi Semiconductor 2SB566K Datasheet HTML 3Page - Hitachi Semiconductor 2SB566K Datasheet HTML 4Page - Hitachi Semiconductor 2SB566K Datasheet HTML 5Page - Hitachi Semiconductor 2SB566K Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SB566(K), 2SB566A(K)
3
60
40
20
0
50
100
150
Case temperature TC (°C)
Maximum Collector Dissipation Curve
–10
–1
–5
–2
–1.0
–0.5
–0.2
–0.1
–2
–10
–5
–20
–50 –100
(–60 V, –0.15 A)
2SB566A K
IC max (Continuous)
TC = 25°C
(–50 V, –0.22 A)
2SB566 K
Area Safe Operation
Collector to emitter voltage VCE (V)
0
–5
–4
–3
–2
–1
TC = 25°C
–2
–4
–6
–8
–10
IB = 0
–10 mA
–20
–30
–40
–50
–60
–70
Typical Output Characteristics
Collector to emitter voltage VCE (V)
0
–5
VCE = –4 V
–2
–1.0
–0.2
–0.1
–0.05
–0.02
–0.01
–0.5
–0.4
–0.8
–1.2 –1.4
–1.0
–0.6
–0.2
Typical Transfer Characteristics
Base to emitter voltage VBE (V)


Similar Part No. - 2SB566K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SB566K RENESAS-2SB566K Datasheet
147Kb / 7P
   Silicon PNP Triple Diffused
More results

Similar Description - 2SB566K

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB859 HITACHI-2SB859 Datasheet
32Kb / 5P
   Silicon PNP Triple Diffused
2SB955 HITACHI-2SB955 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
List of Unclassifed Man...
2SA755 ETC-2SA755 Datasheet
40Kb / 1P
   SILICON PNP TRIPLE DIFFUSED
logo
Hitachi Semiconductor
2SB1032 HITACHI-2SB1032 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1091 HITACHI-2SB1091 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB1399 HITACHI-2SB1399 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1494 HITACHI-2SB1494 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
Renesas Technology Corp
2SB1530 RENESAS-2SB1530 Datasheet
147Kb / 7P
   Silicon PNP Triple Diffused
logo
Hitachi Semiconductor
2SB1389 HITACHI-2SB1389 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB1079 HITACHI-2SB1079 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com