Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMNIVSINT800 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OMNIVSINT800
Description  OmniVS Series 800VA Tower Line-Interactive 230V UPS with USB port
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OMNIVSINT800 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OMNIVSINT800 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMNIVSINT800 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMNIVSINT800 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMNIVSINT800 Datasheet HTML 4Page - List of Unclassifed Manufacturers OMNIVSINT800 Datasheet HTML 5Page - List of Unclassifed Manufacturers OMNIVSINT800 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with input voltage as low as 159
Undervoltage correction
Input voltages between 159 and 199 are boosted by 14%
LEDS ALARMS & SWITCHES
LED Indicators
4 LEDs indicate line power, battery power, overload and battery low/replace status
Alarms
Audible alarm indicates power-failure and low-battery conditions
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
340
UPS AC suppression response time
Instantaneous
UPS Dataline suppression
1 line TEL/DSL (1 in / 1 out)
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower
Installation form factors supported
with optional accessories
Wallmount (UPSWM - tower mounting kit)
Primary form factor
Tower
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
10.8 x 5.2 x 7.5
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
27.3 x 13.3 x 19
UPS / Power Module weight (lbs)
19.5
UPS / Power Module weight (kg)
8.9
UPS Shipping dimensions (height x
width x depth / inches)
14 x 8.5 x 11
UPS Shipping dimensions (height x
width x depth / cm)
35.6 x 21.6 x 27.9
Shipping weight (lbs)
22.5
Shipping weight (kg)
10.2
UPS housing material
PVC
3 / 5


Similar Part No. - OMNIVSINT800

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVSINT800 TRIPPLITE-OMNIVSINT800_15 Datasheet
491Kb / 4P
   OmniVS 230V 800VA 475W Line-Interactive UPS,USB port, C13 Outlets
More results

Similar Description - OMNIVSINT800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNIVS800 ETC2-OMNIVS800 Datasheet
497Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS800 TRIPPLITE-OMNIVS800_15 Datasheet
495Kb / 5P
   OmniVS 120V 800VA 475W Line-Interactive UPS,Tower, USB port
OMNIVSINT800 TRIPPLITE-OMNIVSINT800_15 Datasheet
491Kb / 4P
   OmniVS 230V 800VA 475W Line-Interactive UPS,USB port, C13 Outlets
OMNIVSINT1000 TRIPPLITE-OMNIVSINT1000 Datasheet
491Kb / 4P
   OmniVS 230V 1000VA 500W Line-Interactive UPS,Tower, USB port, C13 Outlets
logo
List of Unclassifed Man...
OMNIVS1500 ETC2-OMNIVS1500 Datasheet
512Kb / 6P
   OmniVS Series 1500VA Line-Interactive Tower 120V UPS with USB port
OMNIVS1000 ETC2-OMNIVS1000 Datasheet
489Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1000 TRIPPLITE-OMNIVS1000 Datasheet
491Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
OMNIVS1500 TRIPPLITE-OMNIVS1500_15 Datasheet
510Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Tower, USB port
OMNIVSINT1500XL TRIPPLITE-OMNIVSINT1500XL Datasheet
490Kb / 5P
   OmniVS 230V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port, C13 Outlets
OMNIVS1000 TRIPPLITE-OMNIVS1000_15 Datasheet
492Kb / 5P
   OmniVS 120V 1000VA 500W Line-Interactive UPS,Tower, USB port
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com