Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB649 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SB649
Description  Silicon PNP Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB649 Datasheet(HTML) 7 Page - Hitachi Semiconductor

  2SB649 Datasheet HTML 1Page - Hitachi Semiconductor 2SB649 Datasheet HTML 2Page - Hitachi Semiconductor 2SB649 Datasheet HTML 3Page - Hitachi Semiconductor 2SB649 Datasheet HTML 4Page - Hitachi Semiconductor 2SB649 Datasheet HTML 5Page - Hitachi Semiconductor 2SB649 Datasheet HTML 6Page - Hitachi Semiconductor 2SB649 Datasheet HTML 7Page - Hitachi Semiconductor 2SB649 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3.1
φ
+0.15
–0.1
8.0
± 0.5
1.1
0.8
2.29
± 0.5
2.29
± 0.5
0.55
1.2
2.7
± 0.4
120
°
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TO-126 Mod
0.67 g
Unit: mm


Similar Part No. - 2SB649

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SB649 TEL-2SB649 Datasheet
63Kb / 1P
   TO-126C Plastic-Encapsulated Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SB649 KOOCHIN-2SB649 Datasheet
306Kb / 3P
   TRANSISTOR (PNP)
logo
Weitron Technology
2SB649 WEITRON-2SB649 Datasheet
272Kb / 5P
   PNP Epitaxial Planar Transistors
logo
Inchange Semiconductor ...
2SB649 ISC-2SB649 Datasheet
274Kb / 2P
   isc Silicon PNP Power Transistor
logo
Unisonic Technologies
2SB649 UTC-2SB649 Datasheet
77Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
More results

Similar Description - 2SB649

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com