Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

241402B91200 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # 241402B91200
Description  Product Process Change
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

241402B91200 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  241402B91200 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 241402B91200 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOR MORE INFORMATION, VISIT OUR WEB SITE: WWW. AAVIDTHERMALLOY.COM
TEL: (603) 224-9988
STANDARD THERMAL SOLUTIONS
FOR QUARTER BRICK CONVERTERS
Aavid Thermalloy heat sinks are designed for engineers
seeking a complete off-the-shelf cooling solution for
industry standard quarter brick converters. Unlike other
converter heat sinks, Aavid designs feature thin fin
geometry which increases thermal performance and
reduces pressure drop. In addition, all heat sinks are
ready for mounting with interface material pre-applied
which streamlines procurement and assembly.
APPLICATION NEED:
• Maximum Performance
• Low Pressure Drop
• Fits industry standard Quarter Brick modules
• Optimal configuration
• Simple assembly
FEATURES AND BENEFITS:
• High fin density has more surface area
for heat transfer, despite small foot print.
• Thin fin geometry improves system airflow
and reduces fan costs.
• Hole pattern fits 1/4 brick DC/DC Converters from
top manufacturers like Delta, Emerson and Tyco
• Lengthwise and crosswise fin orientations in three
fin heights to allow a precise match to the application
• High performance QPad3TM interface pad saves
time and optional hardware kit provides the
complete solution under a single part number
Heat Sinks for Quarter Brick
DC/DC Converters
RoHS
Compliant
Part Number
Fin Configuration
“H” height
Figure
241402B91200G
Lengthwise
6.0 (0.24)
A
241404B91200G
Lengthwise
11.4 (0.45)
A
241409B91200G
Lengthwise
22.9 (0.90)
A
241402B92200G
Crosswise
6.0 (0.24)
B
241404B92200G
Crosswise
11.4 (0.45)
B
241409B92200G
Crosswise
22.9 (0.90)
B
ORDERING INFORMATION:
Q-pad is a registered trademark of the Bergquist Company
Optional Hardware Kit:
Four M3 x 0.5 x 4.5 screws with
captive lock washer individually bagged
Use code 03 in the 11th & 12th digit
Example: 241409B92203G
Hardware Kit included


Similar Part No. - 241402B91200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2414 ETC2-2414 Datasheet
395Kb / 1P
   CAPTIVE PANEL SCREWS
logo
Pulse A Technitrol Comp...
2414 PULSE-2414 Datasheet
193Kb / 5P
   SWITCH-MODE TRANSFORMER GUIDE
logo
Heyco.
2414 HEYCO-2414 Datasheet
106Kb / 1P
   Snap Bushings
logo
3M Electronics
2414-6112TB 3M-2414-6112TB Datasheet
50Kb / 3P
   100 and 100 X 100 Pin Strip Header
2414-6113TB 3M-2414-6113TB Datasheet
50Kb / 3P
   100 and 100 X 100 Pin Strip Header
More results

Similar Description - 241402B91200

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
241202B91200 AAVID-241202B91200 Datasheet
235Kb / 2P
   Product Process Change
341600F00000G AAVID-341600F00000G Datasheet
497Kb / 2P
   Product Process Change
PCN001476-042987 AAVID-PCN001476-042987 Datasheet
39Kb / 2P
   Product Process Change
PCN017628-033580 AAVID-PCN017628-033580 Datasheet
38Kb / 2P
   Product Process Change
PCN002132-041538 AAVID-PCN002132-041538 Datasheet
39Kb / 2P
   Product Process Change
PCN002238-042261 AAVID-PCN002238-042261 Datasheet
55Kb / 2P
   Product Process Change
PCN002329-042819 AAVID-PCN002329-042819 Datasheet
55Kb / 2P
   Product Process Change
PCN017339-041550 AAVID-PCN017339-041550 Datasheet
39Kb / 2P
   Product Process Change
PCN017357 AAVID-PCN017357 Datasheet
56Kb / 2P
   Product Process Change
PCN17357 AAVID-PCN17357 Datasheet
56Kb / 2P
   Product Process Change
PCN017380-041726 AAVID-PCN017380-041726 Datasheet
55Kb / 2P
   Product Process Change
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com