Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F3345-640 Datasheet(PDF) 1 Page - Fox Electronics

Part # F3345-640
Description  5.0V, HCMOS, SMD Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F3345-640 Datasheet(HTML) 1 Page - Fox Electronics

  F3345-640 Datasheet HTML 1Page - Fox Electronics F3345-640 Datasheet HTML 2Page - Fox Electronics F3345-640 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
99
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
FEATURES
• 5.0V Operation
• HCMOS/TTL Output
• Tri-State Enable/Disable
• Tape and Reel (2,000 pcs. STD)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
F3345
F3345R
F3340
F3340R
F3346
F3346R
F3348
Model
Number
1
Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration. *Excludes Shock/Vibration
2
An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
1.000 ~ 80.000 MHz
-55ºC ~ +125ºC
5.0V ± 10%
25mA
40mA
60mA
73mA
45% ~ 55%
7nS
7nS
10% Vdd
90% Vdd Min
16mA Min
-16mA Min
10TTL
50pF
10mS
100nS
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range (Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.000 ~ 25.000 MHz
25.000+ ~ 50.000 MHz
50.000+ ~ 67.000 MHz
67.000+ ~ 80.000 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
Fall Time (90% ~ 10% Vdd) (Tf)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
TTL
HCMOS
Start-up Time
(Ts)
Enable/Disable Time 2
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIon
INH (Pin 1)
OPEN 2
'1' Level Vih ≥ 70% Vdd
'0' Level Vil ≤ 30% Vdd
MAX (unless otherwise noted)
oPTIonS
• Standby Function (F4101)
Part Number
092-Frequency-xxxxx
093-Frequency-xxxxx
090-Frequency-xxxxx
091-Frequency-xxxxx
094-Frequency-xxxxx
095-Frequency-xxxxx
096-Frequency-xxxxx
• PART nUMbER SELECTIon
5.0V, HCMoS, SMD oscillator
Rev. 1/29/2014
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F3345 SERIES
Page 1 of 2
5.2 Max
1.5 Max
7.5 Max
Solder Pad Layout
Recommended
#1
#2
#3
#4
#1
#2
#4
#3
5.08±0.1
2.6±0.2
Pin Connections
#1 E/D #3 output
#2 GnD #4 V
2.0±0.1
5.08±0.1
4.2±0.1
DD
1.4±0.2
1.8±0.1
Top
View
Bottom
View
Dot denotes
pin 1
All dimensions are in millimeters


Similar Part No. - F3345-640

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
More results

Similar Description - F3345-640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
   5.0V HCMOS SMD OSCILLATOR
logo
Fox Electronics
F3345 FOX-F3345 Datasheet
204Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
092-80-15 FOX-092-80-15 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F550H FOX-F550H Datasheet
165Kb / 2P
   HCMOS 5x3.2mm 5.0V SMD Oscillator
F550L FOX-F550L Datasheet
165Kb / 2P
   HCMOS 5x3.2mm 5.0V SMD Oscillator
KFO FOX-KFO Datasheet
249Kb / 1P
   5.0V PLASTIC HCMOS/TTL SMD OSCILLATOR
F4101 FOX-F4101 Datasheet
114Kb / 1P
   5.0V HCMOS SMD OSCILLATOR WITH STANDBY
121-6-1 FOX-121-6-1 Datasheet
198Kb / 2P
   5.0V, HCMOS SMD Oscillator with Standby
FSOLF FOX-FSOLF Datasheet
157Kb / 1P
   5.0V/3.0V Plastic HCMOS/TTL Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com