Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN2N3507 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # JAN2N3507
Description  Screening and processing per MIL-PRF-19500
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

JAN2N3507 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  JAN2N3507 Datasheet HTML 1Page - Semicoa Semiconductor JAN2N3507 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. E
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com
2N3507
Silicon NPN Transistor
Data Sheet
Description
• Screening and processing per MIL-PRF-19500
• JAN level (2N3507J)
• JANTX level (2N3507JX)
• JANTXV level (2N3507JV)
• JANS level (2N3507JS)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV and JANS
• Radiation testing (total dose) upon request
www.SEMICOA.com or (714) 979-1900
Applications
• General purpose switching transistor
• Low power
• NPN silicon transistor
Features
• Hermetically sealed TO-39 metal can
• Also available in chip configuration
• Chip geometry 1506
• Reference document:
MIL-PRF-19500/349
Benefits
• Qualification Levels: JAN, JANTX,
JANTXV and JANS
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
50
Volts
Collector-Base Voltage
VCBO
80
Volts
Emitter-Base Voltage
VEBO
5
Volts
Collector Current, Continuous
IC
3
A
Power Dissipation, TA = 25
OC
Derate linearly above 25OC
PT
1
5.71
W
mW/
°C
Power Dissipation, TC = 25
OC
Derate linearly above 25OC
PT
5
28.6
W
mW/
°C
Thermal Resistance
RθJA
175
°C/W
Operating Junction Temperature
Storage Temperature
TJ
TSTG
-65 to +200
°C
Copyright
 2010
SEMICOA Corporation offers:
Please contact SEMICOA for special configurations
SEMICOA Corporation


Similar Part No. - JAN2N3507

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N3500 MICROSEMI-JAN2N3500 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
JAN2N3500L MICROSEMI-JAN2N3500L Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
JAN2N3501 MICROSEMI-JAN2N3501 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
JAN2N3501L MICROSEMI-JAN2N3501L Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
   RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
More results

Similar Description - JAN2N3507

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JAN1N3064 MICROSEMI-JAN1N3064 Datasheet
90Kb / 1P
   1N3064 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/144
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com