Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1344 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SC1344
Description  Silicon NPN Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1344 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SC1344 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1344 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1344 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1344 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1344 Datasheet HTML 5Page - Hitachi Semiconductor 2SC1344 Datasheet HTML 6Page - Hitachi Semiconductor 2SC1344 Datasheet HTML 7Page - Hitachi Semiconductor 2SC1344 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC1344, 2SC1345
5
3
0.01
0.003
0.001
Collector Current IC (mA)
Contours of Constant Noise Figure
0.03
0.1
0.3
1.0
3.0
8 dB
6 dB
4 dB
2 dB
VCE = 6 V
f = 120 Hz
1.0
0.3
0.1
30
10
100
3
0.01
0.003
0.001
Collector Current IC (mA)
Contours of Constant Noise Figure
0.03
0.1
0.3
1.0
3.0
10
dB
8 dB
6 dB
4 dB
2 dB
2 dB
4 dB
6 dB
8 dB
10
dB
1 dB
1 dB
VCE = 6 V
f = 1 kHz
1.0
0.3
0.1
30
10
100
0
4
8
6
2
10
12
20
10
50
Frequency f (Hz)
Noise Figure vs. Frequency
100
200
500
1 k
VCE = 6 V
IC = 0.1 mA
Rg = 10 kΩ
0
4
6
2
8
10
2
15
Collector to Emitter Voltage VCE (V)
Noise Figure vs. Collector to
Emitter Voltage
10
20
50
IC = 0.1 mA
f = 10 Hz
Rg = 10 kΩ


Similar Part No. - 2SC1344

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC1344 ETC1-2SC1344 Datasheet
192Kb / 3P
   TRANSISTOR
More results

Similar Description - 2SC1344

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com