Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB05S Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MB05S
Description  This series is UL recognized under Component Index, file number E239431
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MB05S Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MB05S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MB05S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.6
±0.1
3.8
±0.2
4.6
±0.2
2.5
±0.25
0.3
±0.1
6.8
±0.2
1.0
±0.15
Dimensions in millimeters
This series is UL recognized under Component Index,
file number E
239431
Glass passivated chip junctions
Plastic materrial has U/L flammability classification
94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
V
Maximum RMS voltage
V
Maximum DC blocking voltage
V
Maximum average forw ard
output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 0.4 A
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=100
mA
Typical junction capacitance per leg (NOTE 3)
pF
Operating junction temperature range
Storage temperature range
NOTES: (1) On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.3 x 1.3mm) pads
(2) On aluminum substrate P.C.B. with an area of 0.8" x 0.8" (20 x 20mm) mounted on 0.05 x 0.05" (1.3 x 1.3mm) solder pad
(3) Measured at 1.0 MHz and applied rev erse v oltage of 4.0 Volts
TSTG
TJ
VRRM
CJ
13
IR
VF
IFSM
IF(AV)
3
5.0
VDC
VRMS
1000
70
140
280
420
560
700
400
Saves space on printed circuit boards
Weight: 0.0078 ounce, 0.22 gram
Polarity: Polarity symbols marked on body
Dimensions in inches and (millimeters)
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
High surge overload rating: 3
5A peak
High temperature soldering guaranteed:
Mounting Position: Any
260°C/10 seconds at 5 lbs. (2.3kg) tension
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 0.5 A
5.0
1000
1.0
35
50
100
200
A
MB05S MB1S MB2S MB4S MB6S MB8S MB10S
0.5
- 55 ---- +
150
- 55 ---- + 150
A
/W
800
800
600
50
100
200
400
600
Typical thermal resistance per leg
(NOTE 1)
R
θJA
85
(NOTE 2)
R
θ
JL
20
MB05S-MB10S
Silicon Bridge Rectifiers
MBS
Features
Mechanical Data
0.5


Similar Part No. - MB05S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB05S MCC-MB05S Datasheet
51Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Dc Components
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
logo
Nanjing International G...
MB05S DGNJDZ-MB05S Datasheet
143Kb / 2P
   MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB05S MCC-MB05S Datasheet
117Kb / 3P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sangdest Microelectroni...
MB05S SMC-MB05S Datasheet
164Kb / 4P
   Surge overload rating-30A peak
More results

Similar Description - MB05S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MB1S LUGUANG-MB1S Datasheet
173Kb / 2P
   This series is UL recognized under Component Index, file number E239431
logo
List of Unclassifed Man...
LB2S-LB10S ETC2-LB2S-LB10S Datasheet
125Kb / 2P
   This series is UL recognized under Component Index file number E239431
logo
Nell Semiconductor Co.,...
MTP500 NELLSEMI-MTP500 Datasheet
375Kb / 3P
   UL recognition file number E320098
MTPT150 NELLSEMI-MTPT150 Datasheet
501Kb / 5P
   UL recognition file number E320098
logo
Allied Components Inter...
AEE14-3888-A ALLIED-AEE14-3888-A Datasheet
1Mb / 2P
   Meets UL Class B 130C UL File number E349541
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
   EW15 Transformer, Meet UL Class B 130C UL File number E349541
AEFD153-4204 ALLIED-AEFD153-4204 Datasheet
1Mb / 2P
   Built to meet UL Class B 130 File Number E349541
AEFD153-4211 ALLIED-AEFD153-4211 Datasheet
1Mb / 2P
   Built to meet UL Class B 130 File Number E349541
logo
Tyco Electronics
5-1437567-8 MACOM-5-1437567-8 Datasheet
6Mb / 326P
   DIP Switch Part Number Index
logo
Shanghai Leiditech Elec...
D2UB05 LEIDITECH-D2UB05 Datasheet
1Mb / 3P
   UL recognition, file #E230084
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com