Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS-R-500 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # KTS-R-500
Description  KTS-R-600Vac, 1-600A, Fast-Acting Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KTS-R-500 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  KTS-R-500 Datasheet HTML 1Page - Cooper Bussmann, Inc. KTS-R-500 Datasheet HTML 2Page - Cooper Bussmann, Inc. KTS-R-500 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0713
BU-SB13740
Page 2 of 3
Data Sheet # 1044
LIMITRON™ Class RK1 600V
Time-Current Curves - Average Melt
RMS SYMMETRICAL CURRENT IN AMPS
300
100
10
1
0.1
0.01
AMP RATING
KTS-R — 600Vac, 1-600A, Fast-Acting Fuses


Similar Part No. - KTS-R-500

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KTS-01-B MSYSTEM-KTS-01-B Datasheet
105Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KTS-01-B/B MSYSTEM-KTS-01-B/B Datasheet
105Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KTS-01-B/BL MSYSTEM-KTS-01-B/BL Datasheet
105Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KTS-01-B/BN MSYSTEM-KTS-01-B/BN Datasheet
105Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KTS-01-B/K MSYSTEM-KTS-01-B/K Datasheet
105Kb / 3P
   Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KTS-R-500

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JKS-70 COOPER-JKS-70 Datasheet
219Kb / 3P
   JKS ??600Vac, 70-600A, Fast-Acting Fuses
JJS-60 COOPER-JJS-60 Datasheet
291Kb / 3P
   JJS - 600Vac, 1-800A, Fast-Acting Fuses
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
   JKS ??600Vac, 1-60A, Fast-Acting Fuses
JJS-1 COOPER-JJS-1 Datasheet
289Kb / 3P
   JJS ??600Vac, 1-800A, Fast-Acting Fuses
JJS-40 COOPER-JJS-40 Datasheet
291Kb / 3P
   JJS 600Vac, 1-800A, Fast-Acting Fuses
logo
List of Unclassifed Man...
KTK-R-1-10 ETC2-KTK-R-1-10 Datasheet
677Kb / 6P
   KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
Cooper Bussmann, Inc.
KTK-R-1 COOPER-KTK-R-1 Datasheet
677Kb / 6P
   LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTK-R EATON-KTK-R Datasheet
677Kb / 6P
   LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
KTK EATON-KTK Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
   13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com