Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR120-MUR190 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MUR120-MUR190
Description  Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MUR120-MUR190 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MUR120-MUR190 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR120-MUR190 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR120-MUR190 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low cost
Low leakage
Low forward voltage drop
High current capability
Case:JEDEC DO--41,molded plastic
Polarity: Color band denotes cathode
Weight: 0.012 ounces,0.34 gram s
Mounting position: Any
Ratings at 25
am bient tem perature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
MUR
120
MUR
130
MUR
140
MUR
150
MUR
160
UNITS
Maximum recurrent peak reverse voltage
VRRM 200
300
400
500
600
V
Maximum RMS voltage
VRMS 140
210
280
350
420
V
Maximum DC blocking voltage
VDC
200
300
400
500
600
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 1.0A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage @T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3. Thermal resistance f rom junction to ambient.
A
0.875
1.25
50
22
25
50
A
DO - 41
VOLTAGE RANGE: 200 --- 900 V
CURRENT: 1.0 A
A
Easily cleaned with alcohol,Isopropanol
and sim ilar solvents
IF(AV)
1.0
The plastic m aterial carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
35.0
IR
IFSM
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55 ----- + 150
- 55 ----- + 150
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
Dimensions in millimeters
MUR120-MUR190
Super Fast Rectifiers
Features
Mechanical Data
MUR
170
MUR
180
MUR
190
700
800
900
700
800
900
490
560
630
75
15
60
1.7
2.0
5.0
50
150
10.0
100
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - MUR120-MUR190

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR120-MUR190 LUGUANG-MUR120-MUR190 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
MUR120-MUR190 LUGUANG-MUR120-MUR190 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
MUR120-MUR190 LUGUANG-MUR120-MUR190 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
MUR120-MUR190 LUGUANG-MUR120-MUR190 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
MUR120-MUR190 LUGUANG-MUR120-MUR190 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
More results

Similar Description - MUR120-MUR190

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com