Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP810SAT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLP810SAT
Description  8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP810SAT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLP810SAT Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP810SAT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Integrated child-safety sliding outlet covers safely seal off all unused outlets
Diagnostic LEDs confirm outlet grounding and surge suppression status
Audible alarm offers notification of suppressor damage
Attractive black suppressor housing with keyhole mounting tabs allow versatile placement options
$250,000 Ultimate Lifetime Insurance (USA & Canada only)
Specifications
OVERVIEW
Intended Application
Home/Office, Audio/Video
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1800
Circuit Breaker (amps)
15
Outlet quantity / type
8 NEMA 5-15R
Transformer accommodation
Supports 3 large transformer plug accessories without covering remaining outlets, accepts up to 6 transformers total
Outlet safety covers
Includes built-in sliding outlet safety covers
Outlet orientation
Single row of 5, plus a second row of 3 for transformer accommodation
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input plug features
Space-saving right-angle input plug
Input cord length (ft.)
10
Input cord length (m)
3.0
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
216000
LEDS ALARMS & SWITCHES
Alarms
Audible alarm sounds to indicate damage to suppression components
Switches
Combination AC circuit breaker and 2-position red illuminated on/off power switch
Diagnostic LEDs
Built-in LEDs confirm suppressor "protection present" (green) and "grounded" (red) status
SURGE / NOISE SUPPRESSION
2 / 4


Similar Part No. - TLP810SAT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP810 TOSHIBA-TLP810 Datasheet
299Kb / 7P
   PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
logo
List of Unclassifed Man...
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
   8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
More results

Similar Description - TLP810SAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
   8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
   7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
   7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
logo
List of Unclassifed Man...
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
   6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
   6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
logo
List of Unclassifed Man...
ISOTEL4ULTRA ETC2-ISOTEL4ULTRA Datasheet
506Kb / 5P
   4-outlet, 6-ft cord, 3330 joules, Modem/fax protection, All metal housing Isobar Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
   8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP128TTUSBB TRIPPLITE-TLP128TTUSBB Datasheet
174Kb / 4P
   Protect It! 12-Outlet Surge Protector - 8 ft. (2.43m) Cord, 4320 Joules, Tel/Modem/Coax Protection, 2 USB Ports, Black
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com