Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC844X Datasheet(PDF) 10 Page - Sharp Corporation

Part # PC844X
Description  DIP 16pin (4-channel) AC Input Photocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC844X Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PC844X Datasheet HTML 4Page - Sharp Corporation PC844X Datasheet HTML 5Page - Sharp Corporation PC844X Datasheet HTML 6Page - Sharp Corporation PC844X Datasheet HTML 7Page - Sharp Corporation PC844X Datasheet HTML 8Page - Sharp Corporation PC844X Datasheet HTML 9Page - Sharp Corporation PC844X Datasheet HTML 10Page - Sharp Corporation PC844X Datasheet HTML 11Page - Sharp Corporation PC844X Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
■ Manufacturing Guidelines
● Soldering Method
Flow Soldering :
Due to SHARP's double transfer mold construction submersion in flow solder bath is allowed under the below
listed guidelines.
Flow soldering should be completed below 270˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please don't solder more than twice.
Hand soldering
Hand soldering should be completed within 3s when the point of solder iron is below 400˚C.
Please don't solder more than twice.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact
on the junction between the device and PCB varies depending on the tooling and soldering conditions.
10
PC844X Series
Solvent cleaning:
Solvent temperature should be 45˚C or below Immersion time should be 3minutes or less
Ultrasonic cleaning:
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials:
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol
In case the other type of solvent materials are intended to be used, please make sure they work fine in ac-
tual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this device.
Regulation substances:CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
● Presence of ODC
Sheet No.: D2-A03602EN


Similar Part No. - PC844X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC844 SHARP-PC844 Datasheet
74Kb / 5P
   AC Input Photocoupler
PC844 SHARP-PC844 Datasheet
335Kb / 12P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC844A SHARP-PC844A Datasheet
74Kb / 5P
   AC Input Photocoupler
More results

Similar Description - PC844X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL814 EVERLIGHT-EL814 Datasheet
369Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com