Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0302NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA0302NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0302NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA0302NL Datasheet HTML 1Page - Pulse A Technitrol Company PA0302NL Datasheet HTML 2Page - Pulse A Technitrol Company PA0302NL Datasheet HTML 3Page - Pulse A Technitrol Company PA0302NL Datasheet HTML 4Page - Pulse A Technitrol Company PA0302NL Datasheet HTML 5Page - Pulse A Technitrol Company PA0302NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
103
SPM2007 (11/07)
TRANSFORMERS
Part 6,7
Turns Ratio
Primary
Primary
Leakage
DCR (m
Ω MAX)
Number
Application 2
Secondary
Inductance
Inductance
Pri.
Pri.
Sec.
Sec.
Pri.
Sec. Pri. Aux.
Isolation
(µH MIN)
(µH MAX)
Aux.
A
B
EFD 15 PLATFORMS - UPTO 30W
EFD 15 - 10 PIN SMT - (21.6MM X 16.3MM X 8.4MM)
15W Flyback Transformer
1500Vrms
38
PB2187NL
Vin=36-75v, Freq.=225kHz
24
12
16
Operational
@ 2.2A
0.6
190
410
50
N/A
Vout=12v/1.7A, 15v/20mA
EFD 15 - 12 PIN SMT - (22.2MM X 17.2MM X 8.4MM)
15W Flyback Transformer
500Vrms
PA0476NL
Vin=18-72v, Freq.=500kHz
16
3
7
Operational
35.5
0.15
23.5
87
8
N/A
Vout=5v/3A, 10v/20mA
15W Flyback Transformer
500Vdc
146
PA0691NL
Vin=30-57v, Freq.=100kHz
52
8 &
26
Operational
@ 1.2A
2.4
600
2000
20
720
Vout=3.3v/3A, 5.6v/10mA10v/20mA
14
(3.3v)
(5.6v)
15W Flyback Transformer
500Vdc
137.5
PA1039NL
Vin=29-59v, Freq.=100kHz
50
10 &
22
Operational
@ 1.2A
2.0
500
1300
25
760
Vout=5v/2A, 7.5v/10mA10v/20mA
15
20W Forward Transformer
PA1067NL
Vin=34-75v, Freq.=555kHz
12
3
10 &
500Vrms
79
1
70
70 & 70
6
N/A
Vout=3.3v/6A, 12v/25mA
12 (reset)
(reset)
EFD 20 PLATFORMS - UPTO 80W
EFD 20 - 8 PIN THT - (21.0MM X 21.0MM X 13.0MM)
80W Forward Transformer
1500Vdc
PA1040NL
Vin=30-57v, Freq.=250kHz
14
7 & 7
7
Operational
154
2
45
80
15
24
Vout=12v/5A, -12v/1.6A, 12v/0.1A
EFD 20 - 10 PIN SMT - (26.2MM X 21.8MM X 10.4MM)
30W Flyback Transformer
1500Vrms
29.2
PB2003NL
Vin=36-72v, Freq.=300kHz
16
2
7
Operational
@ 3.0A
1.7
75
75
4.5
N/A
Vout=5v/6A, 15v/0.1A
EFD 20 - 12 PIN SMT - (29.2MM X 21.8MM X 11.4MM)
50W Forward Transformer
1500Vrms
PA0273NL
Vin=36-72v, Freq.=250kHz
16
10
10
Basic
230
0.35
65
240
27
N/A
Vout=12v/4.5A, 12v/0.1A
13W Flyback Transformer
700Vdc
PA0751NL
Vin=25-75v, Freq.=250kHz
26
6
18
Operational
99
2
85
300
12
N/A
Vout=3.3v/4.5A, 15v/0.1A
100W Forward Transformer
1500Vdc
35 & 35
3.8
PA0769NL
Vin=36-75v, Freq.=250kHz
15
7 & 7
5
Operational
74
1.5
50
110
(±12v)
(5v)
Vout=±12v/2.1A, 5v/9A
& 3
45W Forward Transformer
PA1066NL
Vin=30-75v, Freq.=550kHz
11
4 & 4
9 & 11
500Vrms
93
1
35
100
15 & 15
N/A
Vout=±5v/4.5A, 12v/20mA
(reset)
48W Forward Transformer
1500Vrms
30.8
86.4
PB2041NL
Vin=36-75v, Freq.=230kHz
10 + 10
12
N/A
Basic
324
1
82
N/A
(+12v)
(-12v Sec)
Vout=12v/3A, -12v/1A
& 12
33W Forward Transformer
1500Vrms
5.5
112
PB2089NL
Vin=36-72v, Freq.=250kHz
13
3 & 2
13
Basic
141
1
31
923
(3.3v Sec) (2.2v Sec)
Vout=3.3v/10A, 2.2v/0.05A
(reset)
12W Flyback Transformer
1800Vdc
195
PB2134NL
Vin=36-57v, Freq.=200kHz
32
4
15
Operational
@ 1.0A
5
200
215
12
N/A
Vout=3.3v/3.5A, 12v/0.1A
(Transformers continued on next page)
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
EFD Platforms - EFD15, EFD20 and EFD25
Transformers and Inductors
Power: 30W to 180W
Three Different Platforms: THT and SMT
Low Profile Platforms: 8.4mm to 13.5mm
Custom designs available
Electrical Specifications @ 25°C — Operating Temperature - 40°C to 125°C


Similar Part No. - PA0302NL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA03 APEX-PA03 Datasheet
280Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
PA03 CIRRUS-PA03 Datasheet
207Kb / 5P
   Power Operational Amplifiers
logo
List of Unclassifed Man...
PA03 ETC2-PA03 Datasheet
602Kb / 5P
   Power Operational Amplifiers
logo
AZ Displays
PA035XSE AZDISPLAYS-PA035XSE Datasheet
649Kb / 28P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSJ AZDISPLAYS-PA035XSJ Datasheet
820Kb / 26P
   TECHNICAL SPECIFICATION
More results

Similar Description - PA0302NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com