Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM7211E Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM7211E
Description  Top Port Digital Silicon Microphone
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7211E Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM7211E Datasheet HTML 6Page - Wolfson Microelectronics plc WM7211E Datasheet HTML 7Page - Wolfson Microelectronics plc WM7211E Datasheet HTML 8Page - Wolfson Microelectronics plc WM7211E Datasheet HTML 9Page - Wolfson Microelectronics plc WM7211E Datasheet HTML 10Page - Wolfson Microelectronics plc WM7211E Datasheet HTML 11Page - Wolfson Microelectronics plc WM7211E Datasheet HTML 12Page - Wolfson Microelectronics plc WM7211E Datasheet HTML 13Page - Wolfson Microelectronics plc WM7211E Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Pre-Production
WM7211
w
PP, Rev 3.1, January 2014
11
PACKAGE DIMENSIONS (LGA)
A
BOTTOM VIEW
TOP VIEW
0.10 C
SIDE VIEW
NOTES:
1. THE SEATING PLANE IS REPRESENTED BY PRIMARY DATUM -C-
2. THE DEVIATION FROM THE SEATING PLANE DUE TO WARPAGE OR TWIST IS SPECIFIED AS MAX 50
m (FLATNESS).
3. LID SHOULD BE PARALLEL TO THE SEATING PLANE ±100
m.
4. INTERPRET DIM AND TOL PER ASME Y14.5M - 1994
Y
U
H
F
MS5: PACKAGE 4.00 x 3.00 x 1.00 mm BODY
PIN1 CORNER
F
P
V
R
W
X
Symbols
MIN
NOM
MAX
NOTE
A
1.00
D
4.00
E
3.00
F
0.10
1
0.50
2
1.26
Dimensions (mm)
DM096.E
J
1.50
H
0.35
U
0.40
Y
0.95
M
1.10
V
W
0.45
X
0.40
D
E
J
1
2
0.1
A
B
4x
C
4X R0.40
Gasket Diameter
3
4
1
2
5
1.35
2.90
1.45
0.30
0.05
3.90
0.35
0.30
0.40
0.35
0.90
0.40
3.10
1.55
0.40
0.15
4.10
0.45
0.40
0.50
0.45
1.00
0.60
0.30 x 0.45°
M
PNP
Vacuum
Point
R
0.40
0.35
0.45
P
0.40
0.35
0.45
0.90
1.10
0.35


Similar Part No. - WM7211E

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
   Top Port Digital Silicon Microphone
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
WM7210IMS/RV WOLFSON-WM7210IMS/RV Datasheet
247Kb / 12P
   Top Port Digital Silicon Microphone
WM7210IMS/V WOLFSON-WM7210IMS/V Datasheet
247Kb / 12P
   Top Port Digital Silicon Microphone
WM7210IMSE/RV WOLFSON-WM7210IMSE/RV Datasheet
247Kb / 12P
   Top Port Digital Silicon Microphone
More results

Similar Description - WM7211E

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
   Top Port Digital Silicon Microphone
WM7220 WOLFSON-WM7220 Datasheet
254Kb / 12P
   Top Port Digital Silicon Microphone
logo
Cirrus Logic
WM7216E CIRRUS-WM7216E Datasheet
739Kb / 14P
   Low Power Top Port Digital Silicon Microphone
WM7216 CIRRUS-WM7216 Datasheet
739Kb / 14P
   Low Power Top Port Digital Silicon Microphone
logo
Wolfson Microelectronic...
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
   Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7120A WOLFSON-WM7120A Datasheet
178Kb / 12P
   Top Port Analogue Silicon Microphone
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
   Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7230 WOLFSON-WM7230 Datasheet
320Kb / 12P
   Bottom Port Digital Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com