Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AJC25-A-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # AJC25-A-C
Description  Low profile clips retain cords, cables, or tubing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

AJC25-A-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  AJC25-A-C Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
“J” Clips
• Low profile clips retain cords, cables, or tubing
• Flexible design allows for easy cord insertion, yet holds
bundle tightly
• For indoor use only
• Material: PVC
A
B
C
A1C Type Clips
• Hold cords, cables, and tubing
• Single rubber adhesive pad for confined areas
• For indoor use only
• Material: PVC
B
A
C
Part Number
Max. Bundle
Diameter
Length
A
Width
B
Height
C
Diameter
Color
Adhesive
Type
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
AJC12-A-C
0.12
3.0
1.00
25.4
0.86
21.8
0.19
4.8
0.13
3.3
Light Gray
Rubber
Adhesive
Tape
100
1000
AJC19-A-C
0.19
4.8
1.25
31.8
0.87
22.1
0.26
6.6
0.18
4.6
100
1000
AJC25-A-C
0.25
6.4
1.50
38.1
0.97
24.6
0.31
7.9
0.23
5.8
100
1000
AJC31-A-C
0.31
7.9
1.75
44.5
1.22
30.1
0.40
10.2
0.29
7.4
100
1000
AJC38-A-C
0.38
9.6
2.00
50.8
1.27
32.3
0.50
12.7
0.39
9.9
100
1000
Part Number
Max. Bundle
Diameter
Length
A
Width
B
Height
C
Color
Adhesive
Type
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In
mm
In
mm
In
mm
In
mm
A1C12-A-C8
0.12
3.0
0.77
19.6
0.63
16.0
0.23
5.8
Light Gray
Rubber
100
1000
A1C25-A-C8
0.25
6.4
0.91
23.1
0.63
16.0
0.38
9.7
100
1000
A1C38-A-C8
0.38
9.5
1.04
26.4
0.63
16.0
0.51
13.0
100
1000
A1C50-A-C8
0.50
12.7
1.17
29.7
0.63
16.0
0.64
16.3
100
1000


Similar Part No. - AJC25-A-C

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AJC ARCH-AJC Datasheet
503Kb / 6P
   AC-DC Power Module
AJC-12D ARCH-AJC-12D Datasheet
503Kb / 6P
   AC-DC Power Module
AJC-12S ARCH-AJC-12S Datasheet
503Kb / 6P
   AC-DC Power Module
AJC-15D ARCH-AJC-15D Datasheet
503Kb / 6P
   AC-DC Power Module
AJC-15S ARCH-AJC-15S Datasheet
503Kb / 6P
   AC-DC Power Module
More results

Similar Description - AJC25-A-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
A2C12-A-C8 PANDUIT-A2C12-A-C8 Datasheet
88Kb / 1P
   Hold cords, cables, and tubing Two rubber adhesive pads for added strength
logo
Bertech.
FGC151M BERTECH-FGC151M Datasheet
109Kb / 1P
   Low Profile Ground Cords
logo
Heyco.
F8902 HEYCO-F8902 Datasheet
201Kb / 1P
   Heyco® Nylon Corrugated Conduit/Tubing Mounting Clips
logo
List of Unclassifed Man...
701361-X ETC2-701361-X Datasheet
713Kb / 2P
   Large-profile LED tubing
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
   International Power Cords
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
   Replacement Power Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
logo
Alpha Wire
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
   Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com