Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78RXXL-TB5-T Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # 78RXXL-TB5-T
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

78RXXL-TB5-T Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  78RXXL-TB5-T Datasheet HTML 1Page - E-Tech Electronics LTD 78RXXL-TB5-T Datasheet HTML 2Page - E-Tech Electronics LTD 78RXXL-TB5-T Datasheet HTML 3Page - E-Tech Electronics LTD 78RXXL-TB5-T Datasheet HTML 4Page - E-Tech Electronics LTD 78RXXL-TB5-T Datasheet HTML 5Page - E-Tech Electronics LTD 78RXXL-TB5-T Datasheet HTML 6Page - E-Tech Electronics LTD 78RXXL-TB5-T Datasheet HTML 7Page - E-Tech Electronics LTD 78RXXL-TB5-T Datasheet HTML 8Page - E-Tech Electronics LTD 78RXXL-TB5-T Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
78RXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 12
www.unisonic.com.tw
QW-R102-035.G
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220F-4
TO-252
TO-252-5
33:
05:
09:
12:
3.3V
5.0V
9.0V
12V
TO-220B
33:
05:
09:
12:
00:
3.3V
5.0V
9.0V
12V
ADJ
PIN DESCRIPTIONS
PIN NO.
PIN NAME
PIN FUNCTION
TO-220F-4/TO-220B
TO-252
TO-252-5
1
1
1
VIN
Input voltage pin
2
3
3
VOUT
Output voltage pin
3
2
5
GND
GND
4
-
2
VDIS
Disable signal input pin
5
-
-
ADJ
Adjustable input pin ( FOR TO-220B )
-
-
4
NC


Similar Part No. - 78RXXL-TB5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78RXXL-TB5-T UTC-78RXXL-TB5-T Datasheet
390Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR
78RXXL-TB5-T UTC-78RXXL-TB5-T Datasheet
390Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - 78RXXL-TB5-T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com