Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5E1284-18 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # G5E1284-18
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G5E1284-18 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  G5E1284-18 Datasheet HTML 1Page - E-Tech Electronics LTD G5E1284-18 Datasheet HTML 2Page - E-Tech Electronics LTD G5E1284-18 Datasheet HTML 3Page - E-Tech Electronics LTD G5E1284-18 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
G5E1284
Page: 2/4
ISSUED DATE :2005/05/24
REVISED DATE :2006/03/29B
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
Vin
Input Voltage
16
V
Vctrl
Control Input Voltage
18
V
PD
Power Dissipation (with heat sink or amount of copper board needed.)
2.4 ~ 4.4
W
TST
Storage Temperature Range
-65 ~ + 150
:
TOP
Operating Junction Temperature Range
0 ~ + 150
:
Electrical Characteristics Unless otherwise specified, these specifications apply over, Cin=1uF, Cout=10uF, TJ =0~150 : .
Typical value refer to TJ =25 : . Vout=Vsense
Parameter
Conditions
MIN
TYP
MAX
UNIT
Reference Voltage
G5E1284-ADJ
Io=10mA, TJ =25 ,
: (Vin-Vout)=0.7V, Vctrl=Vin+1V
1.225
1.250
1.275
V
G5E1284-15
Io=10mA, TJ =25 ,
: 2.2V Vin 12V, Vctrl=Vin+1V
1.470
1.500
1.530
V
G5E1284-18
Io=10mA, TJ =25 ,
: 2.5V Vin 12V, Vctrl=Vin+1V
1.764
1.800
1.836
V
G5E1284-25
Io=10mA, TJ =25 ,
: 3.2V Vin 12V, Vctrl=Vin+1V
2.450
2.500
2.550
V
G5E1284-33
Io=10mA, TJ =25 ,
: 4.0V Vin 12V, Vctrl=Vin+1V
3.235
3.300
3.365
V
Output Voltage
G5E1284-50
Io=10mA, TJ =25 ,
: 5.7V Vin 12V, Vctrl=Vin+1V
4.900
5.000
5.100
V
Line Regulator
G5E1284-XX
Io=10mA, TJ =25 ,
: Vout+0.7<Vin<12, Vctrl=Vin+1V
-
-
0.2
%
G5E1284-ADJ
(Vin-Vout)=2V, 0mA<
Io<4A, TJ=25 : , Vctrl=Vin+1V
-
-
1
%
G5E1284-15
Vin=3.0V, 0mA<
Io<4A, TJ=25 : , Vctrl=4V
-
12
15
mV
G5E1284-18
Vin=3.3V, 0mA<
Io<4A, TJ=25 : , Vctrl=4.3V
-
15
18
mV
G5E1284-25
Vin=4.0V, 0mA<
Io<4A, TJ=25 : , Vctrl=5V
-
20
25
mV
G5E1284-33
Vin=5.0V, 0mA<
Io<4A, TJ=25 : , Vctrl=6V
-
26
33
mV
Load Regulation
G5E1284-50
Vin=8.0V, 0mA<
Io<4A, TJ=25 : , Vctrl=9V
-
40
50
mV
G5E1284-ADJ
Vadj=0V, for all conditions below. ( Vout=1%Vout)
Vin=2.05V,
Io=1.5A
Vin=2.05V,
Io=3.0A
Vin=2.05V,
Io=4.0A
-
1.10
1.15
1.18
1.25
V
Dropout Voltage
(Vctrl-Vout)
(fixed model)
Vin= Vout +0.8V,
Io=4.0A ( Vout=1%Vout)
-
1.10
1.25
V
G5E1284-ADJ
Vadj=0V, for all conditions below. ( Vout=1%Vout)
Vctrl=2.75V,
Io=1.5A
Vctrl=2.75V,
Io=3.0A
Vctrl=2.75V,
Io=4.0A
-
0.26
0.50
0.70
0.38
0.60
0.85
V
G5E1284-15
Vctrl=3.3V,
Io=4.0A ( Vout=1%Vout)
G5E1284-18
G5E1284-25
G5E1284-33
Dropout Voltage
(Vin-Vout)
G5E1284-50
Vctrl=Vout +1.5V,
Io=4.0A ( Vout=1%Vout)
-
0.70
0.85
V
Current Limit
Vctrl=2.75V, Vin=2.05V, Vo=100mV, Vadj=0V
4.2
-
-
A
Minimum Load Current Vctrl=5V, Vin=3.3V, Vadj=0V
-
5
10
mA
Thermal Regulation
30ms pulse
-
0.01
0.02
%/W
Ripple Rejection
Vctrl=5V, Vin=5V,
Io=4.0A, Vadj=0V, TJ=25 : , Vripple=1Vpp at 120Hz
60
70
-
dB
G5E1284-ADJ
Vadj=0V, for all conditions below.
Vctrl=2.75V, Vin=2.05V,
Io=1.5A
Vctrl=2.75V, Vin=2.05V,
Io=3.0A
Vctrl=2.75V, Vin=2.05V,
Io=4.0A
-
6
30
33
25
60
70
mA
G5E1284-15
Vctrl=3.3V, Vin=2.3V,
Io=4.0A
G5E1284-18
G5E1284-25
G5E1284-33
Control Pin Current
G5E1284-50
Vctrl= Vout +1.5V, Vin= Vout +0.8V,
Io=4.0A
-
33
70
mA
Adjust Pin Current
Vctrl=2.75V, Vin=2.05V,
Io=10mA, Vadj=0
-
50
150
uA
Quiescent Current
Vctrl=13V, Vin=12V,
Io=10mA (fixed model)
-
-
12
mA
Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
2.5
-
/
: W
Note 1: G5E1284-ADJ incorporates an internal thermal shutdown that protects the device where the junction temperature exceeds the
allowable maximum junction temperature.


Similar Part No. - G5E1284-18

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results

Similar Description - G5E1284-18

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com