Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G266 Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # G266
Description  C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G266 Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  G266 Datasheet HTML 1Page - E-Tech Electronics LTD G266 Datasheet HTML 2Page - E-Tech Electronics LTD G266 Datasheet HTML 3Page - E-Tech Electronics LTD G266 Datasheet HTML 4Page - E-Tech Electronics LTD G266 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5/5
ISSUED DATE :2004/11/03
REVISED DATE :
Application Circuit Double Coil
1) Output on current, Ic > 200mA
2) With FG output
Remark: C1, C2: Capacitor 2.2 F~4.7 F (optional)
Remark: C1: Capacitor 0.1 F~1 F R1: Resister 1K
Package Information
Top
View
Marking
Site
0.7mm
1.35mm
1
2
3
4
Active Area Depth
Package Sensor Location
1.75mm
Top
View
Tolerance: +/- 0.05mm
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


Similar Part No. - G266

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G266 GTM-G266 Datasheet
214Kb / 5P
   Complementary Output Hall Effect Latched Sink Driver IC
More results

Similar Description - G266

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G276P ETL-G276P Datasheet
226Kb / 5P
   C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
   S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
E-Tech Electronics LTD
G177 ETL-G177 Datasheet
156Kb / 5P
   S i n g l e O u t p u t H a l l E f f e c t L a t c h I C
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
   P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
   P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
G6853 ETL-G6853 Datasheet
152Kb / 4P
   S i n g l e O u t p u t H a l l E f f e c t S wi t c h I C
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
   S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
logo
E-Tech Electronics LTD
GP103A ETL-GP103A Datasheet
187Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com