Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE1084-3.3 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GE1084-3.3
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE1084-3.3 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GE1084-3.3 Datasheet HTML 1Page - E-Tech Electronics LTD GE1084-3.3 Datasheet HTML 2Page - E-Tech Electronics LTD GE1084-3.3 Datasheet HTML 3Page - E-Tech Electronics LTD GE1084-3.3 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GE1084
Page: 3/4
ISSUED DATE :2003/08/01
REVISED DATE :2006/03/29D
Functional Description
Introduction
The GE1084 adjustable Low Dropout (LDO) regulator is a 3 terminal device that can easily be programmed with the
addition of two external resistors to any voltages within the range of 1.25V to 2.5V. The GE1084 only needs 1.5V
differential between Vin and Vout to maintain output regulation, the output voltage tolerances are also extremely tight and
they include the transient response as port of the specification. For example, Intel VRE specification calls for a total of
+/-100mV including initial tolerance, load regulation and 0 to 5.0A load step. The GE1084 is specifically designed to meet
the fast current transient needs as well as providing an accurate initial voltage, reducing the overall system cost with the
need for fewer output capacitors.
Output Voltage Setting
The GE1084 can be programmed to any voltages in the range of 1.25V to 5V with the addition of R1 and R2 external
resistors According to the following formula:
The GE1084 keeps a constant 1.25V between the output pin and the adjust pin. By placing a resistor R1 across these two
pins a constant current flows through R1, adding to the Iadj current requirement of the GE1084 is 10mA, R1 is typically
selected to be 121 resistor so that It automatically satisfies the minimum current requirement .Notice that since Iadj is
typically in the range of 55uA it only adds a small error to the output voltage and should only be considered when a very
precise output voltage setting is required. For example, in a typical 3.3V application where R1=121 and R2=200 the
error due to Iadj is only 0.3% of the nominal set point.
Load Regulation
Since the GE1084 is only a 3 terminal device, it is not possible to provide true remote sensing of the output voltage at the
load.
The best load Regulation is achieved when the bottom side of R2 is connected to the load and the top-side of R1 resistor is
connected directly to the case or the Vout pin of the regulator and not to the load. It is important to note that for high current
applications, this can re-present a significant percentage of the overall load regulation and one must keep the path from the
regulator to the load as short as possible to minimize this effect.
Stability
The GE1084 requires the use of an output capacitor as part of the frequency compensation in order to make the regulator
stable. For most applications a minimum of 10uF aluminum electrolytic capacitor insures both stability and good transient
response.
Thermal Design
The GE1084 incorporates an internal shutdown that protects the device when the junction temperature exceeds the
maximum allowable junction temperatures. Although this device can operate with junction temperatures in the range of
150 ,
:::: it is recommended that the selected heat sink be chosen such that during maximum continuous load operation the
junction temperature is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to the Vout terminal of the device as possible .It is recommended to use a
section of a layer of the PC board as a plane to connect the Vout pin to the output capacitors to prevent any high frequency
oscillation that may result due to excessive trace inductance.


Similar Part No. - GE1084-3.3

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - GE1084-3.3

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com