Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE2138-15 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GE2138-15
Description  1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE2138-15 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GE2138-15 Datasheet HTML 1Page - E-Tech Electronics LTD GE2138-15 Datasheet HTML 2Page - E-Tech Electronics LTD GE2138-15 Datasheet HTML 3Page - E-Tech Electronics LTD GE2138-15 Datasheet HTML 4Page - E-Tech Electronics LTD GE2138-15 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GE2138
Page: 2/5
ISSUED DATE :2006/04/14
REVISED DATE :
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Input Max Voltage
VIN
8
V
Output Current
IOUT
PD/( VIN- VO)
A
Output Voltage
VOUT
1.5~5.0
V
Operating Ambient Temperature
Topr
-40 ~ +85
:
Junction Temperature
Tj
-40 ~ +125
:
Maximum Junction Temperature
Tj Max
150
:
jc (Non-Conductive Epoxy)*
24
/W
:
Thermal Resistance
ja
80
/W
:
Internal Power Dissipation
PD
1.6
W
EDS Classification
B
*Measure jc on backside center of tab.
Electrical Characteristics VIN=VOUT(T)+2V, Ta=25 : unless otherwise noted
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)
(Note1)
IO
=1mA
-1.5% VOUT(T)
(Note2)
1.5%
V
Output Current
IO
VO>1.2V
1.5
-
-
A
Current Limit
ILIM
VO>1.2V
1.5
2.0
-
A
Load Regulation
REGLOAD
VIN=VOUT(T)+2V, IO=1mA to 1.5A
-1
0.2
1
%
1.4V<VOUT(T) 2.0V
-
-
1300
2.0V<VOUT(T) 2.8V
-
-
800
Dropout Voltage
VDROPOUT
IO
=1.5A
VO=VOUT(E)-2%
2.8V<VOUT(T)
-
-
600
mV
Quiescent Current
IQ
VIN= VOUT(T)+2V, IO=0mA
-
45
70
A
Ground Pin Current
IGND
VIN= VOUT(T)+2V, IO=1mA~1.5A
-
45
-
A
VOUT(T)<2.0V
-0.15
-
0.15
2.0V VOUT(T)<4.0V
-0.1
0.02
0.1
Line Regulation
REGLINE
IO
=1mA
VIN=VOUT(T)+1 to
VOUT(T)+2
4.0V VOUT(T)
-0.4
-
0.4
%
Input Voltage
VIN
Note3
-
7
V
Over Temperature Shutdown
OTS
-
150
-
:
Over Temperature Hysterisis
OTH
-
30
-
:
Output Voltage
Temperature Coefficient
TC
-
30
-
ppm/ :
Short Circuit Current
ISC
VIN=VOUT(T)+1V, VOUT<0.4V
-
750
-
mA
f=100Hz
-
70
-
f=1kHz
-
50
-
Power Supply Rejection
PSRR
I
o=100mA
Co=4.7 F
f=10kHz
-
20
-
dB
Output Voltage Noise
eN
f=10Hz~100kHz, Io=10mA, Co=4.7 F
-
30
-
Vrms
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when “VOUT (T) + 2.0V” is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GE2138-15
8T152
XXXX
1.5V
GE2138-18
8T182
XXXX
1.8V
GE2138-19
8T192
XXXX
1.9V
GE2138-25
8T252
XXXX
2.5V
GE2138-33
8T332
XXXX
3.3V
GE2138-47
8T472
XXXX
4.75V
GE2138-50
8T502
XXXX
5.0V


Similar Part No. - GE2138-15

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - GE2138-15

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GE2148 ETL-GE2148 Datasheet
424Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2148 ETL-GL2148 Datasheet
442Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GJ2148 ETL-GJ2148 Datasheet
430Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GJ2138 ETL-GJ2138 Datasheet
426Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2138 ETL-GL2138 Datasheet
439Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2118 ETL-GSC2118 Datasheet
550Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com