Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C200X100YKT Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # C200X100YKT
Description  Thermal Transfer Component Labels
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C200X100YKT Datasheet(HTML) 2 Page - PANDUIT CORP.

  C200X100YKT Datasheet HTML 1Page - PANDUIT CORP. C200X100YKT Datasheet HTML 2Page - PANDUIT CORP. C200X100YKT Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Thermal Transfer Component Labels (continued)
Order number of labels required in multiples of Std. Pkg. Qty.
Use with Panduit thermal transfer ribbons.
Labels roll mounted on 3.00" cores; when using the TDP43MY printer and 3.00" cores, the roll stand (TDP43M-RS) is required.
Table continues on page E2.18
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C025X025KBT
White, polyimide label.
0.25
6.4
0.25
6.4
10000
40000
C025X025KCT
Tan, polyimide label.
0.25
6.4
0.25
6.4
10000
40000
C025X025YJT
White, polyester label.
0.25
6.4
0.25
6.4
10000
40000
C038X038KBT
White, polyimide label.
0.38
9.7
0.38
9.7
10000
40000
C038X038KCT
Tan, polyimide label.
0.38
9.7
0.38
9.7
10000
40000
C038X038YJT
White, polyester label.
0.38
9.7
0.38
9.7
10000
40000
C050X013KBT
White, polyimide label.
0.50
12.7
0.13
3.3
10000
40000
C050X013KCT
Tan, polyimide label.
0.50
12.7
0.13
3.3
10000
40000
C050X020KBT
White, polyimide label.
0.50
12.7
0.20
5.1
10000
40000
C050X044KCT
Tan, polyimide label.
0.50
12.7
0.44
11.2
10000
40000
C050X044CBT
White, vinyl cloth label.
0.50
12.7
0.44
11.2
10000
40000
C050X044KBT
White, polyimide label.
0.50
12.7
0.44
11.2
10000
40000
C050X044YJT
White, polyester label.
0.50
12.7
0.44
11.2
10000
40000
C060X020CBT
White, vinyl cloth label.
0.60
15.2
0.20
5.1
10000
40000
C060X020KBT
White, polyimide label.
0.60
15.2
0.20
5.1
10000
40000
C060X020KCT
Tan, polyimide label.
0.60
15.3
0.20
5.1
10000
40000
C060X020YJT
White, polyester label.
0.60
15.2
0.20
5.1
10000
40000
C065X019KBT
White, polyimide label.
0.65
16.5
0.19
4.8
10000
40000
C065X019KCT
Tan, polyimide label.
0.65
16.5
0.19
4.8
10000
40000
C075X025CBT
White, vinyl cloth label.
0.75
19.1
0.25
6.4
10000
40000
C075X025KBT
White, polyimide label.
0.75
19.1
0.25
6.4
10000
40000
C075X025KCT
Tan, polyimide label.
0.75
19.1
0.25
6.4
10000
40000
C075X025YJT
White, polyester label.
0.75
19.1
0.25
6.4
10000
40000
C080X020KBT
White, polyimide label.
0.80
20.3
0.20
5.1
10000
40000
C080X020KCT
Tan, polyimide label.
0.80
20.3
0.20
5.1
10000
40000
C080X020YJT
White, polyester label.
0.80
20.3
0.20
5.1
10000
40000
C090X025KBT
White, polyimide label.
0.90
22.9
0.25
6.4
10000
40000
C090X025KCT
Tan, polyimide label.
0.90
22.9
0.25
6.4
10000
40000
C090X025YJT
White, polyester label.
0.90
22.9
0.25
6.4
10000
40000
C100X019KBT
White, polyimide label.
1.00
25.4
0.19
4.8
10000
40000
C100X019KCT
Tan, polyimide label.
1.00
25.4
0.19
4.8
10000
40000
C100X025CBT
White, vinyl cloth label.
1.00
25.4
0.25
6.4
10000
40000
C100X025KBT
White, polyimide label.
1.00
25.4
0.25
6.4
10000
40000
C100X025KCT
Tan, polyimide label.
1.00
25.4
0.25
6.4
10000
40000
C100X025YJT
White, polyester label.
1.00
25.4
0.25
6.4
10000
40000
C100X038CBT
White, vinyl cloth label.
1.00
25.4
0.38
9.7
10000
40000
C100X038KBT
White, polyimide label.
1.00
25.4
0.38
9.7
10000
40000
C100X038KCT
Tan, polyimide label.
1.00
25.4
0.38
9.7
10000
40000
C100X038YJT
White, polyester label.
1.00
25.4
0.38
9.7
10000
40000
C100X050CBT
White, vinyl cloth label.
1.00
25.4
0.50
12.7
10000
40000
C100X050YJT
White, polyester label.
1.00
25.4
0.50
12.7
10000
40000
C125X025KBT
White, polyimide label.
1.25
31.8
0.25
6.4
10000
40000
C125X025KCT
Tan, polyimide label.
1.25
31.8
0.25
6.4
10000
40000


Similar Part No. - C200X100YKT

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C200X100YJC PANDUIT-C200X100YJC Datasheet
64Kb / 2P
   P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
C200X100YJJ PANDUIT-C200X100YJJ Datasheet
58Kb / 1P
   OPTIMUM C200X100YJJ LASER/INJET LABELS
C200X100YLJ PANDUIT-C200X100YLJ Datasheet
58Kb / 1P
   OPTIMUM C200X100YJJ LASER/INJET LABELS
C200X100YMC PANDUIT-C200X100YMC Datasheet
64Kb / 2P
   P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
C200X100YMJ PANDUIT-C200X100YMJ Datasheet
58Kb / 1P
   OPTIMUM C200X100YJJ LASER/INJET LABELS
More results

Similar Description - C200X100YKT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1654227 MACOM-1654227 Datasheet
2Mb / 48P
   Thermal Transfer
logo
List of Unclassifed Man...
R6011 ETC2-R6011 Datasheet
496Kb / 1P
   Thermal Transfer Print Ribbons
logo
PANDUIT CORP.
RHR4BL-S PANDUIT-RHR4BL-S Datasheet
104Kb / 2P
   Thermal Transfer Resin Ribbon
logo
HellermannTyton.
TAG6T1-100B HELLERMANNTYTON-TAG6T1-100B Datasheet
368Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 2.0 x 1.0 x 3.75, 1 Across, VL, White, 1000/roll
2022
TAG3T3-100B HELLERMANNTYTON-TAG3T3-100B Datasheet
366Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 1.0 x 1.0 x 3.75, 3 Across, VL, White, 3000/roll
2022
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
logo
PANDUIT CORP.
C060X020YJC PANDUIT-C060X020YJC Datasheet
64Kb / 2P
   P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
logo
HellermannTyton.
TAG22T3-100B HELLERMANNTYTON-TAG22T3-100B Datasheet
366Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 1.0 x .5 x 1.43, 3 Across, VL, White, 5000/roll
2022
TAG9T3-100B HELLERMANNTYTON-TAG9T3-100B Datasheet
366Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 1.0 x .75 x 2.25, 3 Across, VL, White, 5000/roll
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com