Electronic Components Datasheet Search |
|
CAT24WC08 Datasheet(PDF) 1 Page - Catalyst Semiconductor |
|
CAT24WC08 Datasheet(HTML) 1 Page - Catalyst Semiconductor |
1 / 14 page Discontinued Parts 1 © Catalyst Semiconductor, Inc. Characteristics subject to change without notice CAT24WC01/02/04/08/16 1K/2K/4K/8K/16K-Bit Serial EEPROM Doc. No. 1022, Rev. O * Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol. PIN CONFIGURATION BLOCK DIAGRAM PIN FUNCTIONS Pin Name Function A0, A1, A2 Device Address Inputs SDA Serial Data/Address SCL Serial Clock WP Write Protect VCC +1.8V to +5.5V Power Supply VSS Ground DIP Package (P, L, GL) SOIC Package (J, W, GW) 5020 FHD F01 FEATURES s 400 kHz I2C Bus Compatible* s 1.8 to 5.5Volt Operation s Low Power CMOS Technology s Write Protect Feature — Entire Array Protected When WP at V IH s Page Write Buffer s Self-Timed Write Cycle with Auto-Clear s 1,000,000 Program/Erase Cycles s 100 Year Data Retention s 8-pin DIP, SOIC, TSSOP and MSOP packages - "Green" package option available s Commercial, Industrial, Automotive and Extended Temperature Ranges DESCRIPTION The CAT24WC01/02/04/08/16 is a 1K/2K/4K/8K/16K- bit Serial CMOS EEPROM internally organized as 128/ 256/512/1024/2048 words of 8 bits each. Catalyst’s advanced CMOS technology substantially reduces de- vice power requirements. The the CAT24WC01/02/04/ 08/16 feature a 16-byte page write buffer. The device operates via the I2C bus serial interface, has a special write protection feature, and is available in 8-pin DIP, SOIC, TSSOP and MSOP packages. TSSOP Package (U, Y, GY) (MSOP and TSSOP available for CAT24WC01, CAT24WC02 and CAT24WC04 only) DOUT ACK SENSE AMPS SHIFT REGISTERS CONTROL LOGIC WORD ADDRESS BUFFERS START/STOP LOGIC STATE COUNTERS SLAVE ADDRESS COMPARATORS E2PROM VCC EXTERNAL LOAD COLUMN DECODERS XDEC DATA IN STORAGE HIGH VOLTAGE/ TIMING CONTROL VSS WP SCL A0 A1 A2 SDA A2 A0 A1 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA A0 VCC WP SCL SDA 1 2 3 4 8 7 6 5 A1 A2 VSS MSOP Package (R, Z, GZ) 8 7 6 5 VCC WP SCL SDA A2 A0 A1 VSS 1 2 3 4 VCC SCL SDA 1 2 3 4 8 7 6 5 VSS A2 A0 A1 WP |
Similar Part No. - CAT24WC08 |
|
Similar Description - CAT24WC08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |