Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5271 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT5271
Description  Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5271 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT5271 Datasheet HTML 4Page - ON Semiconductor CAT5271 Datasheet HTML 5Page - ON Semiconductor CAT5271 Datasheet HTML 6Page - ON Semiconductor CAT5271 Datasheet HTML 7Page - ON Semiconductor CAT5271 Datasheet HTML 8Page - ON Semiconductor CAT5271 Datasheet HTML 9Page - ON Semiconductor CAT5271 Datasheet HTML 10Page - ON Semiconductor CAT5271 Datasheet HTML 11Page - ON Semiconductor CAT5271 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT5271, CAT5273
http://onsemi.com
8
Table 9. CODES AND CORRESPONDING RWA
RESISTANCE FOR RAB = 100 kW, VDD = 5 V
D (Dec.)
RWA (W)
Output State
255
441
Full Scale
128
50,050
Midscale
1
99,659
1 LSB
0
100,050
Zero Scale
Typical device to device resistance matching is lot
dependent and may vary by up to 20%.
ESD Protection
GND
LOGIC
Digital
Input
GND
Potentiometer
Figure 15. ESD Protection Networks
W, A, B
Terminal Voltage Operating Range
The CAT5271/CAT5273 VDD and GND power supply
define the limits for proper 3-terminal digital potentiometer
operation. Signals or potentials applied to terminals A, B or
the wiper must remain inside the span of VDD and GND.
Signals which attempt to go outside these boundaries will be
clamped by the internal forward biased diodes.
W, A, B
CAT5271
LOGIC
GND
Figure 16.
VDD
Power-up Sequence
Because ESD protection diodes limit the voltage
compliance at terminals A, B, and W (see Figure 15), it is
recommended that VDD/GND be powered before applying
any voltage to terminals A, B, and W. The ideal power-up
sequence is: GND, VDD, digital inputs, and then VA/B/W. The
order of powering VA, VB, VW, and the digital inputs is not
important as long as they are powered after VDD/GND.
Power Supply Bypassing
Good design practice employs compact, minimum lead
length layout design. Leads should be as direct as possible.
It is also recommended to bypass the power supplies with
quality low ESR Ceramic chip capacitors of 0.01
mF to
0.1
mF. Low ESR 1 mF to 10 mF tantalum or electrolytic
capacitors can also be applied at the supplies to suppress
transient disturbances and low frequency ripple. As a further
precaution digital ground should be joined remotely to the
analog ground at one point to minimize the ground bounce.
CAT5271
GND
+
10 mF
0.1 mF
Figure 17. Power Supply Bypassing
VDD
VDD
C3
C1


Similar Part No. - CAT5271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-50-GT3 ONSEMI-CAT5271ZI-50-GT3 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
More results

Similar Description - CAT5271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5191 ONSEMI-CAT5191 Datasheet
136Kb / 11P
   256?릔osition I2C Compatible Digital Potentiometer
November, 2016 ??Rev. 0
CAT5171 ONSEMI-CAT5171_17 Datasheet
133Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer
August, 2017 ??Rev. 3
logo
Analog Devices
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171_13 Datasheet
209Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
logo
Analog Devices
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172_13 Datasheet
222Kb / 10P
   256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com