Electronic Components Datasheet Search |
|
CAT5273ZI-50-GT3 Datasheet(PDF) 2 Page - ON Semiconductor |
|
CAT5273ZI-50-GT3 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 14 page CAT5271, CAT5273 http://onsemi.com 2 Wiper Control SDA A1 W1 SCL Figure 1. CAT5271 Functional Block Diagram VCC B1 GND Register 1 Wiper Control A2 W2 B2 Register 2 Figure 2. CAT5273 Functional Block Diagram Wiper Control SDA W1 SCL VCC B1 GND AD0 AD1 Register 1 Wiper Control W2 B2 Register 2 Control Logic Table 1. PIN FUNCTION DESCRIPTION CAT5271 CAT5273 Pin No. Pin Name Description Pin Name Description 1 B1 B1 Terminal B1 B1 Terminal 2 A1 A1 Terminal AD0 Device Address Bit 0 3 W2 W2 Terminal W2 W2 Terminal 4 GND Digital Ground GND Digital Ground 5 VDD Positive Power Supply VDD Positive Power Supply 6 SCL Serial Clock Input SCL Serial Clock Input 7 SDA Serial Data Input / Output SDA Serial Data Input / Output 8 A2 A2 Terminal AD1 Device Address Bit 1 9 B2 B2 Terminal B2 B2 Terminal 10 W1 W1 Terminal W1 W1 Terminal Table 2. ABSOLUTE MAXIMUM RATINGS (Note 1) Rating Value Unit VDD to GND −0.3 to 6.5 V A1, B1, W1, A2, B2, W2 Voltage to GND VDD IMAX 20 mA Digital Inputs and Output Voltage to GND 0 to 6.5 V Operating Temperature Range −40 to +85 C Maximum Junction Temperature (TJMAX) 150 C Storage Temperature −65 to +150 C Lead Temperature (Soldering, 10 sec) 300 C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package, and maximum applied voltage across any two of the A, B, and W terminals at a given resistance. |
Similar Part No. - CAT5273ZI-50-GT3 |
|
Similar Description - CAT5273ZI-50-GT3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |