Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2816 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC2816
Description  Silicon NPN Triple Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2816 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC2816 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2816 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2816 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2816 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2816 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2816 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2816 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC2816
3
100
80
60
40
20
0
50
100
150
Case temperature TC (°C)
Collector Current Derating Rate
IS/B
Limit
Area
10
3
10 (s)
Transient Thermal Resistance
1.0
0.03
0.01
0.1
1.0
0.01
10 (ms)
Time t
0.1
1.0
0.01
0.1
0.3
10 ms–10
s
10
µs–10
ms
TC = 25°C
10
200
500
Collector to emitter voltage VCE (V)
Reverse Bias Area of Safe Operation
8
2
100
300
400
0
4
6
IB2 = –1.0 A
450 V,
1.0 A
325 V, 10 A
400 V,
5 A
600
Base to emitter resistance RBE (Ω)
Collector to Emitter Voltage vs.
Base to Emitter Resistance
400
300
1 k
10 k
100 k
1 M
100
500
IC = 1 mA


Similar Part No. - 2SC2816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2816 ETC1-2SC2816 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Renesas Technology Corp
2SC2816 RENESAS-2SC2816 Datasheet
156Kb / 8P
   Silicon NPN Triple Diffused
logo
Savantic, Inc.
2SC2816 SAVANTIC-2SC2816 Datasheet
131Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC2816 JMNIC-2SC2816 Datasheet
188Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2816 ISC-2SC2816 Datasheet
161Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC2816

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com