Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EET-HC2V102LF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EET-HC2V102LF
Description  Alumincum Electrolytic Capacitors/HC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EET-HC2V102LF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EET-HC2V102LF Datasheet HTML 1Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 2Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 3Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 4Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 5Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 6Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 7Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 8Page - Panasonic Semiconductor EET-HC2V102LF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-135 –
1.5±0.2
2.0 max.
Terminal
(t=0.8)
4.0±0.5
Top of spin
Standard terminal type does not require
terminal trimming peocess.
L+2.0 max.
Rated voltage etc. indicate to sleeve.
(10.0)
10.0±0.1
2-
02.0±0.1
Sleeve
Vent
Polarity bar
Recommended PWB piercing plan
0.8
+0.2
–0.1
(
0D)
Features
● Endurance : 105 °C 2000 h
● 30 % smaller than series TS-HB
● RoHS directive compliant
Snap-in Type
Series:
HC Type: TS
Dimensions in mm (not to scale)
Specifications
Category Temp. Range
–40 °C to +105 °C
–25 °C to +105 °C
Rated W.V. Range
10 V.DC to 100 V.DC
160 V.DC to 250 V.DC
315 V.DC to 450 V.DC
Nominal Cap. Range
820 μF to 100000 μF
150 μF to 3300 μF
39 μF to 1000 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
3
√CV (μA) max. After 5 minutes application of rated working voltage at +20 °C.
C : Capacitance (μF)
V: W.V. (V.DC)
tan d
Please see the attached standard products list
Endurance
After 2000 hours application of DC voltage with specified ripple current (
< rated DC working voltage)
at +105 °C±2 °C, the capacitors shall meet the following limits.
Capacitance change
< ±20 % of initial measured value
tan d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C within no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
(Unit : mm)
Frequency correction factor for ripple current
Rated Voltage
Frequency (Hz)
50
60
100
120
500
1 k
10 k to
10 V.DC to 100 V.DC /C.F.
0.93
0.95
0.99
1.00
1.05
1.08
1.15
160 V.DC to 450 V.DC /C.F.
0.75
0.80
0.95
1.00
1.20
1.25
1.40
01 Sep. 2013
Discontinued


Similar Part No. - EET-HC2V102LF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
EET-HC2C182JA PANASONIC-EET-HC2C182JA Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2C222LA PANASONIC-EET-HC2C222LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EET-HC2E182LF PANASONIC-EET-HC2E182LF Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
More results

Similar Description - EET-HC2V102LF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2E182LF PANASONIC-EET-HC2E182LF Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2C182JA PANASONIC-EET-HC2C182JA Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC0J470R PANASONIC-EEE-HC0J470R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC0J220R PANASONIC-EEEHC0J220R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
logo
Nichicon corporation
UPW1H101MPD NICHICON-UPW1H101MPD Datasheet
83Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPJ1J390MED NICHICON-UPJ1J390MED Datasheet
106Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWX1V100MCL1GB NICHICON-UWX1V100MCL1GB Datasheet
43Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UHE1E471MPD NICHICON-UHE1E471MPD Datasheet
468Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com