Electronic Components Datasheet Search |
|
ECQU2A225 Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
ECQU2A225 Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 2 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC79− Plastic Film Capacitors ■Dimensions in mm (not to scale) ■Rating & Dimensions ● Capacitance tolerance : ±10 %(K), ±20 %(M) L ±0.5 T ±0.5 F ±0.4 Solder-plated copper-clad steel wire Cut lead (Suffix A) d ±0.05 Q P(Lead location limits from center) +1.4 - 0.6 ( ) C ( ) A ( ) B Note:only ±10 % as cap. tol. be marked as“K”. STYLE A side B side C side 2 0.0082 μF to 0.047 μF 3 0.056 μF to 1.0 μF 4 1.2 μF to 2.2 μF 1 0.0010 μF to 0.0068 μF .068 μF K Marking Example 275 V ∼ .1.5 μF K 275 V ∼ .001 μF K .033 μF K 250 V ∼ ECQUL 40/100/21 275 V ∼Y2/X2 132400 V DE GMF MKT ECQUL 40/100/21 275 V ∼X2 250 V ∼ ECQUL 40/100/21 GMF MKT V DE 132400 250 V ∼ X2 ECQUL 40/100/21 GMF MKT V DE 132400 250 V ∼ X2 1283 8X 132400 V DE GMF MKT Note Date Code. *≧1.2 μF ±1.0 * * * STYLE (A)side (B)side 2 0.0082 μF to 1.0 μF 3 1.2 μF to 2.2 μF 1 0.0010 μF to 0.0068 μF .0082 μF K Marking Example 1.5 μF K .001 μF K Note:only ±10 % as cap. tol. be marked as“K”.Note Date Code. ECQUL 275V ∼ X2/Y2 ECQUL 275V ∼ X2 ECQUL 275V ∼ X2 8X 250V ∼ Dimensions (mm) Min. order Q'ty LT H F φdP Q Cap. (µF) Part No. ECQU2A102 □L( ) 0.0010 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A122 □L( ) 0.0012 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A152 □L( ) 0.0015 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A182 □L( ) 0.0018 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A222 □L( ) 0.0022 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A272 □L( ) 0.0027 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A332 □L( ) 0.0033 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A392 □L( ) 0.0039 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A472 □L( ) 0.0047 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A562 □L( ) 0.0056 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A682 □L( ) 0.0068 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A822 □L( ) 0.0082 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A103 □L( ) 0.010 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A123 □L( ) 0.012 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A153 □L( ) 0.015 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A183 □L( ) 0.018 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A223 □L( ) 0.022 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A273 □L( ) 0.027 15.0 5.0 11.5 12.5 0.60 0 ±0.5 1.3 ECQU2A333 □L( ) 0.033 15.0 6.0 13.0 12.5 0.60 0 ±0.5 1.3 ECQU2A393 □L( ) 0.039 15.0 6.0 13.0 12.5 0.60 0 ±0.5 1.3 ECQU2A473 □L( ) 0.047 15.0 6.0 13.0 12.5 0.60 0 ±0.5 1.3 ECQU2A563 □L( ) 0.056 17.5 4.5 11.5 15.0 0.60 0 ±0.5 1.3 ECQU2A683 □L( ) 0.068 17.5 4.5 11.5 15.0 0.60 0 ±0.5 1.3 ECQU2A823 □L( ) 0.082 17.5 5.5 12.0 15.0 0.60 0 ±0.5 1.3 ECQU2A104 □L( ) 0.10 17.5 5.5 12.0 15.0 0.60 0 ±0.5 1.3 ECQU2A124 □L( ) 0.12 17.5 6.5 14.5 15.0 0.60 0 ±0.5 1.3 ECQU2A154 □L( ) 0.15 17.5 6.5 14.5 15.0 0.60 0 ±0.5 1.3 ECQU2A184 □L( ) 0.18 17.5 8.0 16.0 15.0 0.60 0 ±0.5 1.3 ECQU2A224 □L( ) 0.22 17.5 8.0 16.0 15.0 0.60 0 ±0.5 1.3 ECQU2A274 □L( ) 0.27 17.5 9.5 17.5 15.0 0.80 0 ±0.5 1.3 ECQU2A334 □L( ) 0.33 17.5 9.5 17.5 15.0 0.80 0 ±0.5 1.3 ECQU2A394 □L( ) 0.39 25.5 8.5 17.5 22.5 0.80 0 ±0.75 1.5 ECQU2A474 □L( ) 0.47 25.5 8.5 17.5 22.5 0.80 0 ±0.75 1.5 ECQU2A564 □L( ) 0.56 25.5 10.5 19.5 22.5 0.80 0 ±0.75 1.5 ECQU2A684 □L( ) 0.68 25.5 10.5 19.5 22.5 0.80 0 ±0.75 1.5 ECQU2A824 □L( ) 0.82 25.5 12.0 22.0 22.5 0.80 0 ±0.75 1.5 ECQU2A105 □L( ) 1.0 25.5 12.0 22.0 22.5 0.80 0 ±0.75 1.5 ECQU2A125 □L( ) 1.2 30.5 16.5 26.0 27.5 0.80 0 ±0.75 1.5 ECQU2A155 □L( ) 1.5 30.5 16.5 26.0 27.5 0.80 0 ±0.75 1.5 ECQU2A185 □L( ) 1.8 30.5 19.0 29.5 27.5 0.80 0 ±0.75 1.5 ECQU2A225 □L( ) 2.2 30.5 19.0 29.5 27.5 0.80 0 ±0.75 1.5 500 Suffix for lead form Cap. tol. code ↑↑ 英語版カタログ P50_81 14.2.6 15:50 ページ 79 |
Similar Part No. - ECQU2A225 |
|
Similar Description - ECQU2A225 |