Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7260 Datasheet(PDF) 6 Page - NEC

Part # LD7260
Description  6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7260 Datasheet(HTML) 6 Page - NEC

  LD7260 Datasheet HTML 1Page - NEC LD7260 Datasheet HTML 2Page - NEC LD7260 Datasheet HTML 3Page - NEC LD7260 Datasheet HTML 4Page - NEC LD7260 Datasheet HTML 5Page - NEC LD7260 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LD7260
No part of this document may be copied or reproduced in any form or by any means without the prior
written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may
appear in this document.
NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual
property rights of third parties by or arising from use of a device described herein or any other liability arising
from use of such device. No license, either express, implied or otherwise, is granted under any patents,
copyrights or other intellectual property rights of NEC Corporation or others.
While NEC Corporation has been making continuous effort to enhance the reliability of its electronic
components, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury
to persons or property arising from a defect in an NEC electronic component, customers must incorporate
sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features.
NEC devices are classified into the following three quality grades:
“Standard”, “Special”, and “Specific”. The Specific quality grade applies only to devices developed based
on a customer designated “quality assurance program” for a specific application. The recommended
applications of a device depend on its quality grade, as indicated below. Customers must check the quality
grade of each device before using it in a particular application.
Standard: Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and
industrial robots
Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster
systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life
support)
Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support
systems or medical equipment for life support, etc.
The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data
Books.
If customers intend to use NEC devices for applications other than those specified for Standard quality
grade, they should contact an NEC sales representative in advance.
Anti-radioactive design is not implemented in this product.


Similar Part No. - LD7260

ManufacturerPart #DatasheetDescription
logo
NEC
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
   20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
   6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
   14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
   30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
More results

Similar Description - LD7260

ManufacturerPart #DatasheetDescription
logo
NEC
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
   6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
   20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
   6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7202 NEC-LD7202 Datasheet
98Kb / 8P
   14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
   6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7237 NEC-LD7237 Datasheet
62Kb / 8P
   DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7710 NEC-LD7710 Datasheet
124Kb / 4P
   14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
   6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
   6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
   17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com