Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMI4162MU Datasheet(PDF) 1 Page - ON Semiconductor

Part # EMI4162MU
Description  Common Mode Filter with ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI4162MU Datasheet(HTML) 1 Page - ON Semiconductor

  EMI4162MU Datasheet HTML 1Page - ON Semiconductor EMI4162MU Datasheet HTML 2Page - ON Semiconductor EMI4162MU Datasheet HTML 3Page - ON Semiconductor EMI4162MU Datasheet HTML 4Page - ON Semiconductor EMI4162MU Datasheet HTML 5Page - ON Semiconductor EMI4162MU Datasheet HTML 6Page - ON Semiconductor EMI4162MU Datasheet HTML 7Page - ON Semiconductor EMI4162MU Datasheet HTML 8Page - ON Semiconductor EMI4162MU Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2013
March, 2013 − Rev. 0
1
Publication Order Number:
EMI4162MU/D
EMI4162MU
Common Mode Filter with
ESD Protection
Functional Description
The EMI4162MU is an integrated common mode filter providing
both ESD protection and EMI filtering for high speed digital serial
interfaces such as HDMI or MIPI D-PHY.
The EMI4162MU provides protection for two differential data line
pairs in a small RoHS-compliant UDFN10 package.
Features
Highly Integrated Common Mode Filter (CMF) with ESD Protection
provides protection and EMI reduction for systems using High Speed
Serial Data Lines with cost and space savings over discrete solutions
Large Differential Mode Bandwidth with Cutoff Frequency > 2 GHz
High Common Mode Stop Band Attenuation: >25 dB at 700 MHz,
>30 dB at 800 MHz
Provides ESD Protection to IEC61000-4-2 Level 4, ±15 kV Contact
Discharge
Low Channel Input Capacitance Provides Superior Impedance
Matching Performance
Low Profile Package with Small Footprint in UDFN10 2 x 2.5 mm
Pb−Free Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
HDMI/DVI Display in Mobile Phones
MIPI D-PHY (CSI-2, DSI, etc) in Mobile Phones and Digital Still
Cameras
1
2
4
5
10
9
7
6
3, 8
(Connector)
(ASIC)
Figure 1. EMI4162MU Electrical Schematic
External
Internal
UDFN10
CASE 517CJ
MARKING
DIAGRAMS
http://onsemi.com
62 = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(*Note: Microdot may be in either location)
1
2
4
5
10
9
7
6
In_1+
In_1−
Out_1+
Out_1−
In_2+
In_2−
Out_2+
Out_2−
38
GND
GND
PIN CONNECTIONS
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
EMI4162MUTAG
UDFN10
(Pb−Free)
3000/Tape & Reel
62MG
G


Similar Part No. - EMI4162MU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI4163MU ONSEMI-EMI4163MU Datasheet
880Kb / 11P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4163MUTAG ONSEMI-EMI4163MUTAG Datasheet
880Kb / 11P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
More results

Similar Description - EMI4162MU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
   Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4182MUTAG ONSEMI-EMI4182MUTAG Datasheet
827Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4192 ONSEMI-EMI4192_13 Datasheet
761Kb / 9P
   Common Mode Filter with ESD Protection
April, 2013 ??Rev. 2
EMI4193 ONSEMI-EMI4193_16 Datasheet
717Kb / 9P
   Common Mode Filter with ESD Protection
March, 2016 ??Rev. 1
EMI4163MU ONSEMI-EMI4163MU Datasheet
880Kb / 11P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4183 ONSEMI-EMI4183 Datasheet
874Kb / 10P
   Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI4172 ONSEMI-EMI4172 Datasheet
776Kb / 10P
   Common Mode Filter with ESD Protection
October, 2012 ??Rev. 0
logo
STMicroelectronics
ECMF02-3F3 STMICROELECTRONICS-ECMF02-3F3 Datasheet
449Kb / 12P
   Common mode filter with ESD protection
December 2013 Rev 3
logo
ON Semiconductor
EMI2180 ONSEMI-EMI2180 Datasheet
219Kb / 7P
   Common Mode Filter with ESD Protection
April, 2014 ??Rev. 2
EMI4192 ONSEMI-EMI4192 Datasheet
1Mb / 9P
   Common Mode Filter with ESD Protection
March, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com