Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ6G0805 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERJ6G0805
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ6G0805 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERJ6G0805 Datasheet HTML 1Page - Panasonic Semiconductor ERJ6G0805 Datasheet HTML 2Page - Panasonic Semiconductor ERJ6G0805 Datasheet HTML 3Page - Panasonic Semiconductor ERJ6G0805 Datasheet HTML 4Page - Panasonic Semiconductor ERJ6G0805 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors
Chip Resistor
a
b
Preheating
Peak
Heating
Time
Type
(inches)
Dimensions (mm)
ab
c
ERJXG (01005)
0.15 to 0.20
0.5 to 0.7
0.20 to 0.25
ERJ1G (0201)
0.3 to 0.4
0.8 to 0.9
0.25 to 0.35
ERJ2G (0402)
0.5 to 0.6
1.4 to 1.6
0.4 to 0.6
ERJ3G (0603)
0.7 to 0.9
2 to 2.2
0.8 to 1
ERJ6G (0805)
1 to 1.4
3.2 to 3.8
0.9 to 1.4
ERJ8G (1206)
2 to 2.4
4.4 to 5
1.2 to 1.8
ERJ14(1210)
2 to 2.4
4.4 to 5
1.8 to 2.8
ERJ12 (1812)
3.3 to 3.7
5.7 to 6.5
2.3 to 3.5
ERJ12Z(2010)
3.6 to 4
6.2 to 7
1.8 to 2.8
ERJ1T(2512)
5 to 5.4
7.6 to 8.6
2.3 to 3.5
Temperature
Time
Preheating
140 °C to 160 °C
60 s to 120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 5 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 180 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
For soldering
For lead-free soldering
Temperature
Time
Temperature
Time
Preheating
140 °C to 180 °C
60 s to 120 s
150 °C to 180 °C
60 s to 120 s
Soldering
245 ± 5 °C
20 s to 30 s
max. 260 °C
max. 10 s
Recommended Land Pattern
In case of flow soldering, the land width must be smaller than the Chip Resistor width to control the solder amount properly.
Generally, the land width should be 0.7 to 0.8 times (W) of the width of chip resistor. In case of reflow soldering, solder
amount can be adjusted, therefore the land width should be set to 1.0 to 1.3 times chip resistor width (W).
Recommended Soldering Conditions
Recommendations and precautions are described below.
● Recommended soldering conditions for reflow
For soldering (Example : Sn/Pb)
For lead-free soldering (Example : Sn/Ag/Cu)
● Recommended soldering conditions for flow
· Reflow soldering shall be performed a maximum of
two times.
· Please contact us for additional information when
used in conditions other than those specified.
· Please measure the temperature of the terminals
and study every kind of solder and printed circuit
board for solderability before actual use.
Safety Precautions
The following are precautions for individual products. Please also refer to the precautions common to Fixed Resistors
shown on page ER3 of this catalog.
1. Take measures against mechanical stress during and after mounting of Thick Film Chip Resistors (hereafter called the
resistors) so as not to damage their electrodes and protective coatings.
2. If a transient load (heavy load in a short time) like a pulse is expected to be applied, check and evaluate the operations
of the resistors when installed in your products before use.
Never exceed the rated power. Otherwise, the performance and/or reliability of the resistors may be impaired.
3. Do not use halogen-based or other high-activity flux. Otherwise, the residue may impair the resistors' performance
and/or reliability.
4. When soldering with a soldering iron, never touch the resistors' bodies with the tip of the soldering iron. When using a
soldering iron with a high temperature tip, finish soldering as quickly as possible (within three seconds at 350 °C max.).
5. As the amount of applied solder becomes larger, the mechanical stress applied to the resistors increases, causing
problems such as cracks and faulty characteristics. Avoid applying an excessive amount of solder.
6. Do not apply shock to the resistors or pinch them with a hard tool (e.g. pliers and tweezers). Otherwise, the resistors'
protective coatings and bodies may be chipped, affecting their performance.
7. Avoid excessive bending of printed circuit boards in order to protect the resistors from abnormal stress.
Mar. 2005


Similar Part No. - ERJ6G0805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ6G0805 PANASONIC-ERJ6G0805 Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ6G0805 PANASONIC-ERJ6G0805 Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ6G0805 PANASONIC-ERJ6G0805 Datasheet
218Kb / 2P
   Thick Film Chip Resistors
ERJ6G0805 PANASONIC-ERJ6G0805 Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ6G0805 PANASONIC-ERJ6G0805 Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results

Similar Description - ERJ6G0805

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com