Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5991AD13TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5991AD13TR
Description  PRIMARY CONTROLLER WITH STANDBY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5991AD13TR Datasheet(HTML) 5 Page - STMicroelectronics

  L5991AD13TR Datasheet HTML 1Page - STMicroelectronics L5991AD13TR Datasheet HTML 2Page - STMicroelectronics L5991AD13TR Datasheet HTML 3Page - STMicroelectronics L5991AD13TR Datasheet HTML 4Page - STMicroelectronics L5991AD13TR Datasheet HTML 5Page - STMicroelectronics L5991AD13TR Datasheet HTML 6Page - STMicroelectronics L5991AD13TR Datasheet HTML 7Page - STMicroelectronics L5991AD13TR Datasheet HTML 8Page - STMicroelectronics L5991AD13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
8
1 0
1 21 4
1 61 8
2 02 22 4
7.0
7.5
8.0
8.5
9.0
V c c
[V ]
Iq [m A ]
V 14 = 0, V 5 = V ref
R t = 4.5Koh m ,T j = 25 °C
5 00K hz
3 00K hz
1M h z
1 00K hz
Figure 3. Quiescent current vs. input voltage.
0
5
10
15
20
25
4.9
4.95
5
5.05
5.1
Iref [mA]
Vref [V]
Vcc=15V
Tj = 25°C
Figure 7. Reference voltage vs. load current.
-50
-25
0
25
50
75
100
125
150
4.9
4.95
5
5.05
5.1
Tj (°C)
Vref [V])
Vcc = 15V
Iref = 1mA
Figure 8. Vref vs. junction temperature.
8
1 01 2
1 41 61 82 02 2
0
6
12
18
24
30
36
Vc c [V ]
Iq [m A ]
Co = 1 n F, T j = 2 5 °C
DC = 0 %
1M H z
500KH z
300KH z
100KH z
Figure 4. Quiescent current vs. input voltage
and switching frequency.
8
10
121416
1820
22
0
6
12
18
24
30
36
Vcc [V]
Iq [mA]
Co = 1nF, Tj = 25°C
DC = 100%
1MHz
500KHz
300KHz
100KHz
Figure 5. Quiescent current vs. input voltage
and switching frequency.
-50
-25
0
25
50
75
100
125
150
0.01
0.1
1
10
100
Junction temperature [˚C]
[mA]
Start-up current
Vc=Vcc= Vccon-0.5V, before turn-on
Operating current
Vcc =15V, after turn-on
RT=13.3k
Ω, CT=1nF
DC=75%, Co=1nF
Quiescent current
Vcc =15V, after turn-on
RT=13.3 k
Ω, CT=1nF
DC = 0
Figure 6. IC Consumption vs. Temperature.
L5991 - L5991A
5/23


Similar Part No. - L5991AD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5991AD STMICROELECTRONICS-L5991AD Datasheet
427Kb / 19P
   PRIMARY CONTROLLER WITH STANDBY
L5991AD STMICROELECTRONICS-L5991AD Datasheet
415Kb / 23P
   PRIMARY CONTROLLER WITH STANDBY
More results

Similar Description - L5991AD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991_01 Datasheet
415Kb / 23P
   PRIMARY CONTROLLER WITH STANDBY
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
   PRIMARY CONTROLLER WITH STANDBY
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
   High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
January 2019 Rev 2
L4990 STMICROELECTRONICS-L4990 Datasheet
322Kb / 24P
   PRIMARY CONTROLLER
July 1999
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
   Primary PWM Controller
July 2004 Revision 1
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
   Primary PWM Controller
STFPC311 STMICROELECTRONICS-STFPC311 Datasheet
559Kb / 39P
   Front panel controller/driver with standby power management
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
   LOW STANDBY POWER PFC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com