Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1938FA-BH Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1938FA-BH
Description  1ch, Low-saturation Forward/Reverse Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1938FA-BH Datasheet(HTML) 2 Page - ON Semiconductor

  LB1938FA-BH Datasheet HTML 1Page - ON Semiconductor LB1938FA-BH Datasheet HTML 2Page - ON Semiconductor LB1938FA-BH Datasheet HTML 3Page - ON Semiconductor LB1938FA-BH Datasheet HTML 4Page - ON Semiconductor LB1938FA-BH Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1938FA
No.A2041-2/5
Allowable Operating Range at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.2 to 10
V
Input high-level voltage
VIH
2.0 to 9.5
V
Input low-level voltage
VIL
-0.3 to +0.3
V
Electrical Characteristics at Ta = 25
°C, VCC = 3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC1
Standby
0.1
5
μA
ICC2
Forward/reverse drive
14
19
mA
Circuit current
ICC3
Brake
20
29
mA
VOsat1
Upper+lower IO = 100mA
for forward/reverse rotation
0.15
0.2
V
VOsat2
Upper+lower IO = 300mA
for forward/reverse rotation
0.35
0.5
V
Output saturation voltage
VOsat3
Upper IO = 100mA for braking
0.1
0.15
V
Spark killer diode forward voltage
VSF
IO = 300mA
0.9
1.7
V
Spark killer diode inverse current
IRS
VOUT = 10V
0.1
5
μA
Input current
IIN
VIN = 5V
75
98
μA
Thermal protection operating
temperature
TSD
Design target value *
180
°C
Note *: Design target value: Measurement with a single unit not made.
Package Dimensions
unit : mm (typ)
3427
Pd max - Ta
Ambient Temperature, Ta - C
Mounted on a specified board
114.3mm
×76.1mm×1.5 mm, glass epoxy resin
0
700
600
500
400
300
100
200
120
0
-30
60
30
90
208
SANYO : Micro8
3.0
0.33
0.18
0.65
1
8
2


Similar Part No. - LB1938FA-BH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
More results

Similar Description - LB1938FA-BH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
   Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
logo
Sanyo Semicon Device
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
LB1841V SANYO-LB1841V Datasheet
55Kb / 7P
   Low-Saturation Current-Controlled Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com