Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1823 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ENA1823
Description  Front Monitor OE-IC for Optical Pickups
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1823 Datasheet(HTML) 5 Page - ON Semiconductor

  ENA1823 Datasheet HTML 1Page - ON Semiconductor ENA1823 Datasheet HTML 2Page - ON Semiconductor ENA1823 Datasheet HTML 3Page - ON Semiconductor ENA1823 Datasheet HTML 4Page - ON Semiconductor ENA1823 Datasheet HTML 5Page - ON Semiconductor ENA1823 Datasheet HTML 6Page - ON Semiconductor ENA1823 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LV0221CS
No.A1823-5/6
Serial protocol
SDIO pin load / CL=20pF (The table below shows the design reference value.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
SCL clock frequency Write
fSCL
0
10
MHz
SCL clock frequency Read
fSCL
0
4
MHz
SDIO data setup time
tDSU
50
ns
SDIO data hold time
tDHO
50
ns
SDIO output delay
tDDLY
10
80
ns
SEN “H” period
tENH
1.6
μs
SEN “L” period
tENL
200
ns
SCL rise time after SEN rise
tSTA
60
ns
SEN fall time after final SCL rise
tSTO
100
ns
Serial input “H” voltage
VIH
2.4
V
Serial input “L” voltage
VIL
0.6
V
SDIO output “H” voltage
VOH
2.5
2.9
3.3
V
SDIO output “L” voltage
VOL
0
0.3
0.8
V
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
78
9
10
11
12
13
14
15
16
MSB
LSB
MSB
LSB
Mode
Address
Data
(Output Data from Host)
(HOST) SEN
(HOST) SCLK
(HOST) SDIO
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
12
3
4
5
6
78
9
10
11
12
13
14
15
16
MSB
LSB
MSB
LSB
Mode
Address
Data
(Output Data from Host)
(HOST) SEN
(HOST) SCLK
(HOST) SDIO
SDIO
WRITE timing chart
READ timing chart
tSTA
tENH
(HOST) SEN
(HOST) SCLK
(HOST) SDIO
(HOST) SEN
(HOST) SCLK
(HOST) SDIO
SDIO
tENL
tSTO
tDSU
tDHO
tDDLY
WRITE
READ


Similar Part No. - ENA1823

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1826A SANYO-ENA1826A Datasheet
557Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ENA1828 ONSEMI-ENA1828 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - ENA1823

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1919 ONSEMI-ENA1919 Datasheet
108Kb / 9P
   Front Monitor OE-IC for Optical Pickups
June, 2013
ENA2144 ONSEMI-ENA2144 Datasheet
93Kb / 9P
   Front Monitor OE-IC for Optical Pickups
May, 2013
logo
Sanyo Semicon Device
LV0221CS SANYO-LV0221CS Datasheet
203Kb / 6P
   For Optical Pickups Front Monitor OE-IC
LV0223CV SANYO-LV0223CV Datasheet
136Kb / 8P
   For Optical Pickups Front Monitor OE-IC
LV0220CS SANYO-LV0220CS Datasheet
70Kb / 5P
   Monolithic Linear IC For Optical Pickups Front Monitor OE-IC
LV0229XA SANYO-LV0229XA Datasheet
84Kb / 8P
   Front Monitor OE-IC
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
   Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
   Optical Sensor for Heart Rate Monitor IC
logo
Intersil Corporation
ISL58333_1110 INTERSIL-ISL58333_1110 Datasheet
89Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58327 INTERSIL-ISL58327 Datasheet
346Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
July 29, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com