Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGA67K-G2K1-24 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LGA67K-G2K1-24
Description  Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGA67K-G2K1-24 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LGA67K-G2K1-24 Datasheet HTML 4Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 5Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 6Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 7Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 8Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 9Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 10Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 11Page - OSRAM GmbH LGA67K-G2K1-24 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LG A67K, LP A67K
2012-06-15
8
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TA)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 85 °C
OHL01429
0
IF
T
0
mA
20
40
60
80 ˚C 100
5
10
15
20
25
T
A
T
S
A
T temp. ambient
S
T temp. solder point
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
1
F
I
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL02442
T
t
P
IF
0.02
0.04
0.06
0.08
0.10
0.12
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
1
F
I
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL02442
T
t
P
IF
0.02
0.04
0.06
0.08
0.10
0.12


Similar Part No. - LGA67K-G2K1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA67K-G2K1-24 OSRAM-LGA67K-G2K1-24 Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGA67K-G2K1-24 OSRAM-LGA67K-G2K1-24 Datasheet
469Kb / 19P
   SIDELED
logo
ams AG
LGA67K-G2K1-24 AMSCO-LGA67K-G2K1-24 Datasheet
1Mb / 24P
   SIDELED®
Version 1.5 2022-08-04
More results

Similar Description - LGA67K-G2K1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
Q65110A1900 OSRAM-Q65110A1900 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSL29K OSRAM-LSL29K Datasheet
228Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LWV18C OSRAM-LWV18C Datasheet
582Kb / 15P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWV28G OSRAM-LWV28G Datasheet
610Kb / 16P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com