Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT75 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCT75
Description  Industry Standard Digital Temperature Sensor with 2?릛ire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT75 Datasheet(HTML) 5 Page - ON Semiconductor

  NCT75 Datasheet HTML 1Page - ON Semiconductor NCT75 Datasheet HTML 2Page - ON Semiconductor NCT75 Datasheet HTML 3Page - ON Semiconductor NCT75 Datasheet HTML 4Page - ON Semiconductor NCT75 Datasheet HTML 5Page - ON Semiconductor NCT75 Datasheet HTML 6Page - ON Semiconductor NCT75 Datasheet HTML 7Page - ON Semiconductor NCT75 Datasheet HTML 8Page - ON Semiconductor NCT75 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCT75
http://onsemi.com
5
APPLICATION INFORMATION
Functional Description
The NCT75 temperature sensor converts an analog
temperature measurement to a digital representation by
using an on-chip measurement transistor and a 12 bit
Delta-Sigma ADC.
The device includes an open drain ALERT output which
can be used to signal that the programmed temperature limit
has been exceeded.
The two main modes of operation are normal and
shutdown mode. In normal mode the NCT75 performs
a new temperature conversion every 80 ms. This new value
is then updated to the temperature value register
(address 0x00) and also compared to the TOS register limit
(default = 80
°C). If the temperature value register is read
during the conversion sequence the value returned is the
previously stored value. A bus read does not affect the
conversion that is in progress.
In shutdown mode temperature conversion is disabled and
the temperature value register holds the last valid
temperature reading. The NCT75 can still be communicated
with in this mode as the interface is still active. The device
mode is controlled via bit 0 of the configuration register.
While in shutdown mode a conversion can be initiated by
writing an arbitrary value to the one-shot register (0x04).
This has the effect of powering up the NCT75, performing
a conversion, comparing the new temperature with the
programmed limit and then going back into shutdown mode.
The OS/ALERT pin can be configured in many ways to
allow it to be used in many different system configurations.
The overtemperature output can be configured to operate
as a comparator type output (which is self clearing once the
temperature has returned below the hysteresis value) or an
interrupt type output (which requires the master to read an
internal register AND the temperature to return below the
hysteresis value before going into an inactive state). The
ALERT pin can also be configured as an active high or active
low output.
Temperature Measurement Results
The results of the on chip temperature measurements are
stored in the temperature value register and compared with
the TOS and THYST limit register.
The temperature value, TOS and THYST registers are
16 bits wide and have a resolution of 0.0625
°C. The data is
stored as a 12 bit 2s complement word. The data is left
justified, D15 is the MSB and is the sign bit. The four LSBs
(D3 to D0) are always 0 as they are not part of the result.
While the ADC of the NCT75 can theoretically measure
temperatures in the range of −128
°C to 127°C, the NCT75
is guaranteed to measure from −55
°C to +125°C.
Table 6 shows the relevant temperature bits for a 12 bit
temperature reading. A 2-byte read is required to obtain the
full 12 bit temperature reading. If an 8 bit (1
°C resolution)
reading is required then a single byte read is sufficient.
Table 6. 12-BIT TEMPERATURE DATA FORMAT
Temperature
Binary Value
D15 to D4
Hex Value
−55
°C
1100 1001 0000
0xC90
−25
°C
1110 0111 0000
0xE70
−0.0625
°C
1111 1111 1111
0xFFF
0
°C
0000 0000 0000
0x000
+0.0625
°C
0000 0000 0001
0x001
+25
°C
0001 1001 0000
0x190
+75.25
°C
0100 1011 0100
0x4B4
+100
°C
0110 0100 0000
0x640
+125
°C
0111 1101 0000
0x7D0
Temperature Data Conversion
12-bit Temperature Data Format
Positive Temperature = ADC Code (decimal)/16
Example 190h = 400d/16 = +25
°C
Negative Temperature = (ADC Code(decimal) − 4096)/16
Example E70h = (3696d – 4096)/16 = −25
°C
One-shot Mode
One of the features of the NCT75 is a One-shot
Temperature Measurement Mode. This mode is useful if
reduced power consumption is a design requirement.
To enable one-shot mode bit 5 of the configuration
register needs to be set. Once, enabled, the NCT75 goes
immediately into shutdown mode. Here, the current
consumption is reduced to a typical value of 3
mA. Writing
address 0x04 to the address pointer register initiates a
one-shot temperature measurement. This powers up the
NCT75, carries out a temperature measurement, and then
powers down again. The data written to this register is
irrelevant and is not stored. It is the write operation that
causes the one-shot conversion.


Similar Part No. - NCT75

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT7509W NUVOTON-NCT7509W Datasheet
1Mb / 48P
   Nuvoton Thermal Sensor IC with Fan Control
NCT7509Y NUVOTON-NCT7509Y Datasheet
1Mb / 48P
   Nuvoton Thermal Sensor IC with Fan Control
NCT7511Y NUVOTON-NCT7511Y Datasheet
1Mb / 45P
   H/W Monitoring IC
logo
ON Semiconductor
NCT75DMR2G ONSEMI-NCT75DMR2G Datasheet
216Kb / 14P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
August, 2012 ??Rev. 3
NCT75DR2G ONSEMI-NCT75DR2G Datasheet
216Kb / 14P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
August, 2012 ??Rev. 3
More results

Similar Description - NCT75

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT75DR2G ONSEMI-NCT75DR2G Datasheet
216Kb / 14P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
August, 2012 ??Rev. 3
NCT375 ONSEMI-NCT375 Datasheet
191Kb / 16P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
June, 2015 ??Rev. 0
NCT275 ONSEMI-NCT275 Datasheet
191Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package with 2-wire Interface
August, 2014 - Rev. 0
NCT475 ONSEMI-NCT475 Datasheet
171Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package
June, 2015 ??Rev. 0
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com