Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT80 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCT80
Description  Hardware Monitor with I2C Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT80 Datasheet(HTML) 1 Page - ON Semiconductor

  NCT80 Datasheet HTML 1Page - ON Semiconductor NCT80 Datasheet HTML 2Page - ON Semiconductor NCT80 Datasheet HTML 3Page - ON Semiconductor NCT80 Datasheet HTML 4Page - ON Semiconductor NCT80 Datasheet HTML 5Page - ON Semiconductor NCT80 Datasheet HTML 6Page - ON Semiconductor NCT80 Datasheet HTML 7Page - ON Semiconductor NCT80 Datasheet HTML 8Page - ON Semiconductor NCT80 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 0
1
Publication Order Number:
NCT80/D
NCT80
Hardware Monitor with I2C
Serial Interface
The NCT80 is a two−wire serially programmable hardware monitor.
It can monitor its on chip temperature via its local sensor, 7 analog
inputs and measure the speed of two fans. Each of the measured values
are compared with programmable limits and if any channel is outside
the programmed limit an interrupt is generated via the INT output pin.
It also has a chassis intrusion detection input pin which is latched on
an intrusion event.
Communication with the NCT80 is accomplished via the I2C
interface which is compatible with industry standard protocols.
Through this interface the NCT80s internal registers may be accessed.
These registers allow the user to read the current temperature, fan
speed and voltages, change the configuration settings and adjust each
channels limits.
The NCT80 is available in a 24−lead TSSOP package and operates
over a wide supply range of 2.8 to 5.75 V. This makes the NCT80 ideal
for a wide variety of applications ranging from computers to servers
and test equipment.
Features
On−chipTemperature Sensor
2 Fan Speed Monitoring Inputs
7 Analog Inputs for Voltage Monitoring
Chassis Intrusion Detection
Overtemperature Output
Limit Comparison of Monitored Channels
3 Address Selection Pins
Power Saving Shutdown Mode
I2C Compliant Interface
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
TSSOP−24
DB SUFFIX
CASE 948H
(Top View)
PIN CONNECTIONS
ORDERING INFORMATION
http://onsemi.com
Device
Package
Shipping
NCT80DBR2G
TSSOP−24
(Pb−Free)
Tape & Reel
XXXXX
XXXXG
ALYW
XXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
INT_IN
SDA
SCL
TACH1
TACH2
BTI
CI
GND
VDD
INT
GPO
RST_IN/
NTEST_IN
RST_OUT/
THERM
A2
A1
A0/NTEST_OUT
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AGND
1


Similar Part No. - NCT80

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
116Kb / 2P
   Ultra small size, light weight.
logo
NIC-Components Corp.
NCT NIC-NCT Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
586Kb / 3P
   Suitable for automobile, automation system,electronicequipment
logo
NIC-Components Corp.
NCT02AF410TRF NIC-NCT02AF410TRF Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
NCT02AG410TRF NIC-NCT02AG410TRF Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
More results

Similar Description - NCT80

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
   System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
[Old version datasheet]   System Hardware Monitor with Two-Wire/SMBus Serial Interface
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
[Old version datasheet]   LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
National Semiconductor ...
LM87 NSC-LM87 Datasheet
470Kb / 32P
   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
[Old version datasheet]   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com