Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT80DBR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCT80DBR2G
Description  Hardware Monitor with I2C Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT80DBR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCT80DBR2G Datasheet HTML 1Page - ON Semiconductor NCT80DBR2G Datasheet HTML 2Page - ON Semiconductor NCT80DBR2G Datasheet HTML 3Page - ON Semiconductor NCT80DBR2G Datasheet HTML 4Page - ON Semiconductor NCT80DBR2G Datasheet HTML 5Page - ON Semiconductor NCT80DBR2G Datasheet HTML 6Page - ON Semiconductor NCT80DBR2G Datasheet HTML 7Page - ON Semiconductor NCT80DBR2G Datasheet HTML 8Page - ON Semiconductor NCT80DBR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
NCT80
http://onsemi.com
2
A−TO−D
CONVERTER
ON−CHIP
TEMPERATURE
SENSOR
ANALOG
MUX
I2C INTERFACE
3
2
4
5
7
GND
SDA
SCL
A1
10
AIN0
AIN1
A0
6
9
AIN2
AIN3
8
11
12
1
14
A2
CI
17
19
22
15
20
13
16
21
18
23
24
AIN6
AIN5
AIN4
Fan
Counter
Limit and
Config
Data
Status Register
Interrupt
Control
CI
AGND
NCT80
TACH1
TACH2
Figure 1. Functional Block Diagram of NCT80
BTI INT_IN
INT
RST_OUT/
THERM
NTEST_IN/
RST_IN
GPO
Registers
Registers
Speed
VDD
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
INT_IN
Active low digital input. This signal is propagated to the INT output pin of the NCT80.
2
SDA
I2C Serial Bi−directional Data Input/Output. Open−drain pin; needs a pull−up resistor.
3
SCL
Serial Clock Input. Open−drain pin; needs a pull−up resistor.
4
TACH1
Digital Input. Fan tachometer input to measure speed of Fan.
5
TACH2
Digital Input. Fan tachometer input to measure speed of Fan.
6
BTI
Digital Input. Board Temperature Interrupt driven by O.S. outputs of additional temperature sensors
such as the NCT75.
7
CI
(Chassis Intrusion)
Digital I/O. An active high input from an external latch which captures a Chassis Intrusion event.
This line can go high without any clamping action, regardless of the powered state of the NCT80
8
GND
Power Supply Ground.
9
VDD
Positive Supply Voltage. Bypass to ground with a 0.1 mF bypass capacitor.
10
INT
Digital Output. Open drain Interrupt Request pin.
11
GPO
Digital Output. An active low open drain output intended to drive an external
P−channel power MOSFET in order to offer software power control.
12
NTEST_IN/RST_IN
Dual function pin. Active low input that enables NAND Tree Test functionality. Once enabled the part
is reset to its power on default.
13
RST_OUT/THERM
Dual function pin. RST_OUT: Active low reset output pin. THERM:
Overtemperature shutdown output pin.
14
AGND
Analog Ground.
15
AIN6
Analog Input. 0 V to 2.56 V.
16
AIN5
Analog Input. 0 V to 2.56 V.
17
AIN4
Analog Input. 0 V to 2.56 V.
18
AIN3
Analog Input. 0 V to 2.56 V.
19
AIN2
Analog Input. 0 V to 2.56 V.
20
AIN1
Analog Input. 0 V to 2.56 V.
21
AIN0
Analog Input. 0 V to 2.56 V.
22
A0/NTEST_OUT
Dual function pin. Functions as an I2C address selection bit. This is the LSB of the address. Pin also
functions as an output when performing a NAND test.
23
A1
Functions as an I2C address selection bit.
24
A2
Functions as an I2C address selection bit.


Similar Part No. - NCT80DBR2G

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
116Kb / 2P
   Ultra small size, light weight.
logo
NIC-Components Corp.
NCT NIC-NCT Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
586Kb / 3P
   Suitable for automobile, automation system,electronicequipment
logo
NIC-Components Corp.
NCT02AF410TRF NIC-NCT02AF410TRF Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
NCT02AG410TRF NIC-NCT02AG410TRF Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
More results

Similar Description - NCT80DBR2G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
   System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
[Old version datasheet]   System Hardware Monitor with Two-Wire/SMBus Serial Interface
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
[Old version datasheet]   LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
National Semiconductor ...
LM87 NSC-LM87 Datasheet
470Kb / 32P
   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
[Old version datasheet]   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com