Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT210 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCT210
Description  Low Cost Microprocessor System Temperature Monitor Microcomputer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT210 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCT210 Datasheet HTML 7Page - ON Semiconductor NCT210 Datasheet HTML 8Page - ON Semiconductor NCT210 Datasheet HTML 9Page - ON Semiconductor NCT210 Datasheet HTML 10Page - ON Semiconductor NCT210 Datasheet HTML 11Page - ON Semiconductor NCT210 Datasheet HTML 12Page - ON Semiconductor NCT210 Datasheet HTML 13Page - ON Semiconductor NCT210 Datasheet HTML 14Page - ON Semiconductor NCT210 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCT210
http://onsemi.com
11
before the 10th clock pulse, then high during the
10th clock pulse to assert a stop condition.
Any number of bytes of data can be transferred over the
serial bus in one operation, but it is not possible to mix read
and write in one operation, because the type of operation is
determined at the beginning and cannot subsequently be
changed without starting a new operation.
For the NCT210, write operations contain either one or
two bytes, while read operations contain one byte.
To write data to one of the device data registers or read
data from it, the address pointer register must be set so that
the correct data register is addressed, data can then be written
into that register or read from it. The first byte of a write
operation always contains a valid address that is stored in the
address pointer register. If data is to be written to the device,
the write operation contains a second data byte that is written
to the register selected by the address pointer register.
This is illustrated in Figure 13. The device address is sent
over the bus followed by R/W set to 0. This is followed by
two data bytes. The first data byte is the address of the
internal data register to be written to, which is stored in the
address pointer register. The second data byte is the data to
be written to the internal data register.
Figure 13. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
A6
SCLK
SDATA
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
NCT210
START BY
MASTER
19
1
ACK. BY
NCT210
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
NCT210
STOP BY
MASTER
1
9
SCLK (CONTINUED)
SDATA (CONTINUED)
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
R/W
Figure 14. Writing to the Address Pointer Register Only
A6
SCLK
SDATA
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
NCT210
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
1
9
ACK. BY
NCT210
9
R/W
Figure 15. Reading Data from a Previously Selected Register
A6
SCLK
SDATA
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE FROM NCT210
1
1
9
ACK. BY
NCT210
9
R/W
When reading data from a register there are two
possibilities:
1. If the NCT210’s address pointer register value is
unknown or not the desired value, it is first
necessary to set it to the correct value before data
can be read from the desired data register. This is
done by performing a write to the NCT210 as
before, but only the data byte containing the
register read address is sent, because data is not to
be written to the register. This is shown in
Figure 14.
A read operation is then performed consisting of
the serial bus address, R/W bit set to 1, followed


Similar Part No. - NCT210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT214 ONSEMI-NCT214 Datasheet
253Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
April, 2014 ??Rev. 4
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
253Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
April, 2014 ??Rev. 4
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
246Kb / 19P
   Temperature Monitor
April, 2014 ??Rev. 4
NCT214 ONSEMI-NCT214_16 Datasheet
246Kb / 19P
   Temperature Monitor
April, 2014 ??Rev. 4
More results

Similar Description - NCT210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
   8-Lead, Low-Cost, System Temperature Monitor
REV. 0
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com