Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT214 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCT214
Description  1C Temperature Monitor with Series Resistance Cancellation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT214 Datasheet(HTML) 3 Page - ON Semiconductor

  NCT214 Datasheet HTML 1Page - ON Semiconductor NCT214 Datasheet HTML 2Page - ON Semiconductor NCT214 Datasheet HTML 3Page - ON Semiconductor NCT214 Datasheet HTML 4Page - ON Semiconductor NCT214 Datasheet HTML 5Page - ON Semiconductor NCT214 Datasheet HTML 6Page - ON Semiconductor NCT214 Datasheet HTML 7Page - ON Semiconductor NCT214 Datasheet HTML 8Page - ON Semiconductor NCT214 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCT214
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VDD) to GND
−0.3, +3.6
V
D+
−0.3 to VDD + 0.3
V
D− to GND
−0.3 to +0.6
V
SCLK, SDATA, ALERT, THERM
−0.3 to +3.6
V
Input Current, SDATA, THERM
−1, +50
mA
Input Current, D−
±1
mA
ESD Rating, All Pins (Human Body Model)
1,500
V
Maximum Junction Temperature (TJ MAX)
150
°C
Storage Temperature Range
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE:
This device is ESD sensitive. Use standard ESD precautions when handling.
Table 3. THERMAL CHARACTERISTICS (Note 1)
Package Type
qJA
qJC
Unit
10-lead WDFN
142
43.74
°C/W
1.
qJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages.
Table 4. SMBus/I2C TIMING SPECIFICATIONS (Note 1)
Parameter
Limit at TMIN and TMAX
Unit
Description
fSCLK
400
kHz max
tLOW
1.3
ms min
Clock Low Period, between 10% Points
tHIGH
0.6
ms min
Clock High Period, between 90% Points
tR
300
ns max
Clock/Data Rise Time
tF
300
ns max
Clock/Data Fall Time
tSU; STA
600
ns min
Start Condition Setup Time
tHD; STA (Note 2)
600
ns min
Start Condition Hold Time
tSU; DAT (Note 3)
100
ns min
Data Setup Time
tSU; STO (Note 4)
600
ns min
Stop Condition Setup Time
tBUF
1.3
ms min
Bus Free Time between Stop and Start Conditions
1. Guaranteed by design, but not production tested.
2. Time from 10% of SDATA to 90% of SCLK.
3. Time for 10% or 90% of SDATA to 10% of SCLK.
4. Time for 90% of SCLK to 10% of SDATA.
Figure 2. Serial Bus Timing
STOP
START
tSU; DAT
tHIGH
tF
tHD; DAT
tR
tLOW
tSU; STO
STOP START
SCLK
SDATA
tBUF
tHD; STA
tHD; STA
tSU; STA


Similar Part No. - NCT214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
246Kb / 19P
   Temperature Monitor
April, 2014 ??Rev. 4
NCT214 ONSEMI-NCT214_16 Datasheet
246Kb / 19P
   Temperature Monitor
April, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com