Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491A3351004A2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T491A3351004A2
Description  SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491A3351004A2 Datasheet(HTML) 1 Page - Kemet Corporation

  T491A3351004A2 Datasheet HTML 1Page - Kemet Corporation T491A3351004A2 Datasheet HTML 2Page - Kemet Corporation T491A3351004A2 Datasheet HTML 3Page - Kemet Corporation T491A3351004A2 Datasheet HTML 4Page - Kemet Corporation T491A3351004A2 Datasheet HTML 5Page - Kemet Corporation T491A3351004A2 Datasheet HTML 6Page - Kemet Corporation T491A3351004A2 Datasheet HTML 7Page - Kemet Corporation T491A3351004A2 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SOLID TANTALUM CHIP CAPACITORS
T491 SERIES - Precision Molded Chip
CAPACITOR OUTLINE DRAWING
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
15
FEATURES
Meets or Exceeds EIA Standard 535BAAC
Taped and Reeled per EIA 481-1
Symmetrical, Compliant Terminations
Optional Gold-plated Terminations
Laser-marked Case
100% Surge current test on C, D, E, U, V, X sizes
Halogen Free Epoxy
Capacitance: 0.1
F to 1000
F
Tolerance: ±10%, ±20%
Voltage: 2.5-50 VDC
Extended Range Values
Low Profile Case Sizes
RoHS Compliance & Lead Free Terminations
(See www.kemet.com for transition information)
Operating Temperature: -55˚C to +125˚C
STANDARD T491 DIMENSIONS
Millimeters (inches)
T491 ORDERING INFORMATION
P
LOW PROFILE T491 DIMENSIONS
Millimeters (inches)
*Part number example: T491B105M035AT (14 digits - no spaces). See www.kemet.com for Pb Free transition.
** “S” Termination codes are converting from 90Sn/10 Pb to 100% tin finishes. Orders including “S” suffix
termination codes do not quarantee Pb-free product.
T 491 S
685
K
004
A
T
Tantalum
Series
491 – Industrial
Case Size
A,B,C,D,E,R,S,T,U,V,X
Capacitance Picofarad Code
First two digits represent
significant figures. Third digit
specifies number of zeros.
Capacitance Tolerance
M = ±20%
K = ±10%
Voltage
As Shown
Failure Rate
A = Not Applicable
Lead Material
T = 100% Matte Tin (Sn) Plated*
H = Standard Solder Coated
(SnPb 5% Pb minimum)
G = Gold Plated (A,B,C,D,X only
Case Size
Component
KEMET
EIA
L*
W*
H*
F* ± 0.1
± (.004)
S* ± 0.3
± (.012)
B ± 0.15
(Ref) ± .006
X
(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
A
3216-18
3.2 ± 0.2
(.126 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.2
(.047)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.4
(.016)
0.4
(.016)
0.13
(.005)
1.4
(.055)
1.1
(.043)
1.3
(.051)
B
3528-21
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.9 ± 0.2
(.075 ± .008)
2.2
(.087)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.5
(.020)
1.0
(.039)
0.13
(.005)
1.1
(.043)
1.8
(.071)
2.2
(.087)
C
6032-28
6.0 ± 0.3
.236 ± .012
3.2 ± 0.3
(.126 ± .012)
2.5 ± 0.3
(.098 ± .012)
2.2
(.087)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.1
(.122)
2.8
(.110)
2.4
(.094)
D
7343-31
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.8 ± 0.3
(.110 ± .012)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
X
7343-43
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
4.0 ± 0.3
(.157 ± .012)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
1.7
(.067)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
E
7260-38
7.3 ± 0.3
(.287 ± .012)
6.0 ± 0.3
(.236 ± .012)
3.6 ± 0.2
(.142 ± .008)
4.1
(.161)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
Notes: 1. Metric dimensions govern
2. (Ref) Dimensions provided for reference only
* Mil-PRF-55365/8 Specified Dimensions
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination
cutout at
KEMET’s
Option,
either end
R
P
Case Size
Component
KEMET
EIA
L*
W*
H max
F* ± 0.1
± (.004)
S* ± 0.3
± (.012)
X
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
R
2012-12
2.0 ± 0.2
(.079 ± .008)
1.3 ± 0.2
(.051 ± .008)
1.2
(.047)
0.9
(.035)
0.5
(.020)
0.05
(.002)
0.13
(.005)
0.8
(.031)
0.5
(.020)
0.8
(.031)
S
3216-12
3.2 ± 0.2
(.126 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.2
(.047)
1.2
(.047)
0.8
(.031)
0.05
(.002)
0.13
(.005)
1.4
(.055)
1.1
(.043)
1.3
(.051)
T
3528-12
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.2
(.047)
2.2
(.087)
0.8
(.031)
0.05
(.002)
0.13
(.005)
1.1
(.083)
1.8
(.071)
2.2
(.087)
U
6032-15
6.0 ± 0.3
(.236 ± .012)
3.2 ± 0.3
(.126 ± .012)
1.5
(.059)
2.2
(.087)
1.3
(.051)
0.05
(.002)
0.13
(.005)
3.1
(.122)
2.8
(.110)
2.4
(.094)
V
7343-20
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.0
(.079)
2.4
(.094)
1.3
(.051)
0.05
(.002)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
Notes: 1. Metric dimensions govern
2. (Ref) Dimensions provided for reference only
3. No dimensions provided for B,P or R because low profile cases do not have a bevel or a notch.


Similar Part No. - T491A3351004A2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A3351004A2 KEMET-T491A3351004A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A3351004A2 KEMET-T491A3351004A2 Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A3351004A2 KEMET-T491A3351004A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results

Similar Description - T491A3351004A2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491X107K016AS KEMET-T491X107K016AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491B226K006AS KEMET-T491B226K006AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491C107K010AT KEMET-T491C107K010AT Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
logo
Vishay Siliconix
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com