Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIV1SN025KA-GWC Datasheet(PDF) 1 Page - ON Semiconductor

Part # NOIV1SN025KA-GWC
Description  VITA 25K Image Sensor
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIV1SN025KA-GWC Datasheet(HTML) 1 Page - ON Semiconductor

  NOIV1SN025KA-GWC Datasheet HTML 1Page - ON Semiconductor NOIV1SN025KA-GWC Datasheet HTML 2Page - ON Semiconductor NOIV1SN025KA-GWC Datasheet HTML 3Page - ON Semiconductor NOIV1SN025KA-GWC Datasheet HTML 4Page - ON Semiconductor NOIV1SN025KA-GWC Datasheet HTML 5Page - ON Semiconductor NOIV1SN025KA-GWC Datasheet HTML 6Page - ON Semiconductor NOIV1SN025KA-GWC Datasheet HTML 7Page - ON Semiconductor NOIV1SN025KA-GWC Datasheet HTML 8Page - ON Semiconductor NOIV1SN025KA-GWC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 9
1
Publication Order Number:
NOIV1SN025KA/D
NOIV1SN025KA
VITA 25K Image Sensor
Features
5120 x 5120 Active Pixels
4.5 mm x 4.5 mm Square Pixels
35 mm Optical Format
Monochrome (SN) or Color (SE)
53 Frames per Second (fps) at Full Resolution
On-chip 10-bit Analog-to-Digital Converter (ADC)
32 Low-voltage Differential Signaling (LVDS) High-speed Serial
Outputs
Random Programmable Region of Interest (ROI) Readout
Pipelined and Triggered Global Shutter, Rolling Shutter
On-chip Fixed Pattern Noise (FPN) Correction
Serial Peripheral Interface (SPI)
Operational Range: −40°C to +85°C
355-pin mPGA Package
3.4 W Power Dissipation
These Devices are Pb−Free and are RoHS Compliant
Applications
Machine Vision
Motion Monitoring
Intelligent Traffic Systems (ITS)
Pick and Place Machines
Inspection
Metrology
Description
The VITA 25K is a 5120 x 5120 CMOS image sensor delivering high resolution images at frame rates up to 53 frames per
second. The high sensitivity 4.5
mm x 4.5 mm pixels support pipelined and triggered global shutter readout modes and can also
be operated in a low noise rolling shutter mode. In rolling shutter mode, the sensor supports correlated double sampling readout,
reducing noise and increasing the dynamic range.
The sensor has on-chip programmable gain amplifiers and 10-bit A/D converters. The image’s black level is either calibrated
automatically or can be adjusted by adding a user programmable offset.
A high level of programmability using a four wire serial peripheral interface enables the user to read out specific regions
of interest. Up to 32 regions can be programmed, achieving even higher frame rates.
The image data interface consists of 32 LVDS lanes. Each channel runs at 620 Mbps. A separate synchronization channel
containing payload information is provided to facilitate the image reconstruction at the receive end.
The VITA 25K is packaged in a ceramic 355-pin
mPGA package and is available in a monochrome, color and windowless
versions.
Contact your local ON Semiconductor office for more information.
ORDERING INFORMATION
Part Number
Description
Package
NOIV1SN025KA-GDC
Mono micro lens
355−mPGA
NOIV1SE025KA-GDC
Color micro lens
NOIV1SN025KA-GWC
Mono micro lens windowless
http://onsemi.com
Figure 1. VITA 25K Photograph


Similar Part No. - NOIV1SN025KA-GWC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SN025KA-GWC ONSEMI-NOIV1SN025KA-GWC Datasheet
795Kb / 76P
   VITA 25K Image Sensor
December, 2016 ??Rev. 10
More results

Similar Description - NOIV1SN025KA-GWC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SN025KA ONSEMI-NOIV1SN025KA_16 Datasheet
795Kb / 76P
   VITA 25K Image Sensor
December, 2016 ??Rev. 10
NOIV1SN016KA ONSEMI-NOIV1SN016KA Datasheet
753Kb / 79P
   VITA 16/12 MegaPixels Single Foot Print CMOS Image Sensor
May, 2015 ??Rev. 0
NOIV1SN016KA ONSEMI-NOIV1SN016KA_V01 Datasheet
1Mb / 80P
   VITA 16/12 MegaPixels Single Foot Print CMOS Image Sensor
August, 2021 - Rev. 2
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com