Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4126 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC4126
Description  Silicon NPN Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4126 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC4126 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4126 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4126 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4126 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4126 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4126 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4126 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4126 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC4126
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
15
V
Collector to emitter voltage
V
CEO
11
V
Emitter to base voltage
V
EBO
2V
Collector current
I
C
50
mA
Collector power dissipation
P
C
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
15
——V
I
C = 10 µA, IE = 0
Collector cutoff current
I
CBO
——
1
µAV
CB = 12 V, IE = 0
I
CEO
——
1
µAV
CE = 10 V, RBE = ∞
Emitter cutoff current
I
EBO
——
1
µAV
EB = 1 V, IC = 0
DC current transfer ratio
h
FE
50
250
V
CE = 5 V, IC = 20 mA
Collector output capacitance
Cob
1.0
1.5
pF
V
CB = 5 V, IE = 0, f = 1 MHz
Gain bandwidth product
f
T
4.5
6.0
GHz
V
CE = 5 V, IC = 20 mA
Power gain
PG
9.0
11.0
dB
V
CE = 5 V, IC = 20 mA,
f = 900 MHz
Noise figure
NF
1.5
3.0
dB
V
CE = 5 V, IC = 5 mA,
f = 900 MHz
Note:
Marking is “MI–”.


Similar Part No. - 2SC4126

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC412 SHINDENGEN-2SC412 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
Sanyo Semicon Device
2SC4123 SANYO-2SC4123 Datasheet
86Kb / 3P
   Very High-Definition Color Display Horizontal Deflection Output Applications???
logo
Inchange Semiconductor ...
2SC4123 ISC-2SC4123 Datasheet
151Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4123 SAVANTIC-2SC4123 Datasheet
200Kb / 4P
   Silicon NPN Power Transistors
2SC4123 SAVANTIC-2SC4123 Datasheet
202Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC4126

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com